전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RX113 데이터시트(PDF) 42 Page - Renesas Technology Corp

부품명 RX113
상세설명  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 데이터시트(HTML) 42 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 38Page - Renesas Technology Corp RX113_16 Datasheet HTML 39Page - Renesas Technology Corp RX113_16 Datasheet HTML 40Page - Renesas Technology Corp RX113_16 Datasheet HTML 41Page - Renesas Technology Corp RX113_16 Datasheet HTML 42Page - Renesas Technology Corp RX113_16 Datasheet HTML 43Page - Renesas Technology Corp RX113_16 Datasheet HTML 44Page - Renesas Technology Corp RX113_16 Datasheet HTML 45Page - Renesas Technology Corp RX113_16 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 42 of 131
Mar 31, 2016
RX113 Group
4. I/O Registers
0008 A024h
SCI1
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A025h
SCI1
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A026h
SCI1
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A027h
SCI1
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A028h
SCI1
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A029h
SCI1
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A02Ah
SCI1
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A02Bh
SCI1
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A02Ch
SCI1
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A02Dh
SCI1
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A040h
SCI2
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A041h
SCI2
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A042h
SCI2
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A043h
SCI2
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A044h
SCI2
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A045h
SCI2
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A046h
SCI2
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A047h
SCI2
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A048h
SCI2
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A049h
SCI2
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A04Ah
SCI2
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A04Bh
SCI2
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A04Ch
SCI2
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A04Dh
SCI2
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A0A0h
SCI5
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A0A1h
SCI5
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A0A2h
SCI5
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A0A3h
SCI5
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A0A4h
SCI5
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A0A5h
SCI5
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A0A6h
SCI5
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A0A7h
SCI5
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A0A8h
SCI5
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A0A9h
SCI5
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A0AAh
SCI5
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A0ABh
SCI5
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A0ACh
SCI5
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A0ADh
SCI5
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
0008 A0C0h
SCI6
Serial Mode Register
SMR
8
8
2 or 3 PCLKB
0008 A0C1h
SCI6
Bit Rate Register
BRR
8
8
2 or 3 PCLKB
0008 A0C2h
SCI6
Serial Control Register
SCR
8
8
2 or 3 PCLKB
0008 A0C3h
SCI6
Transmit Data Register
TDR
8
8
2 or 3 PCLKB
0008 A0C4h
SCI6
Serial Status Register
SSR
8
8
2 or 3 PCLKB
0008 A0C5h
SCI6
Receive Data Register
RDR
8
8
2 or 3 PCLKB
0008 A0C6h
SCI6
Smart Card Mode Register
SCMR
8
8
2 or 3 PCLKB
0008 A0C7h
SCI6
Serial Extended Mode Register
SEMR
8
8
2 or 3 PCLKB
0008 A0C8h
SCI6
Noise Filter Setting Register
SNFR
8
8
2 or 3 PCLKB
0008 A0C9h
SCI6
I2C Mode Register 1
SIMR1
8
8
2 or 3 PCLKB
0008 A0CAh
SCI6
I2C Mode Register 2
SIMR2
8
8
2 or 3 PCLKB
0008 A0CBh
SCI6
I2C Mode Register 3
SIMR3
8
8
2 or 3 PCLKB
0008 A0CCh
SCI6
I2C Status Register
SISR
8
8
2 or 3 PCLKB
0008 A0CDh
SCI6
SPI Mode Register
SPMR
8
8
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (13/23)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States


유사한 부품 번호 - RX113_16

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

유사한 설명 - RX113_16

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com