전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLQP0064KB-A 데이터시트(PDF) 89 Page - Renesas Technology Corp

부품명 PLQP0064KB-A
상세설명  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0064KB-A 데이터시트(HTML) 89 Page - Renesas Technology Corp

Back Button PLQP0064KB-A Datasheet HTML 85Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 86Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 87Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 88Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 89Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 90Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 91Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 92Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 89 of 108
Jul 29, 2016
RX110 Group
5. Electrical Characteristics
5.6
Power-On Reset Circuit and Voltage Detection Circuit Characteristics
Note:
These characteristics apply when noise is not superimposed on the power supply. When a setting is made so that the voltage
detection level overlaps with that of the voltage detection circuit (LVD2), it cannot be specified which of LVD1 and LVD2 is used
for voltage detection.
Note 1. n in the symbol Vdet1_n denotes the value of the LVDLVLR.LVD1LVL[3:0] bits.
Note:
These characteristics apply when noise is not superimposed on the power supply. When a setting is made so that the voltage
detection level overlaps with that of the voltage detection circuit (LVD1), it cannot be specified which of LVD1 and LVD2 is used
for voltage detection.
Note 1. n in the symbol Vdet2_n denotes the value of the LVDLVLR.LVD2LVL[3:0] bits.
Note 2. Vdet2_3 selection can be used only when the CMPA2 pin input voltage is selected and cannot be used when the power supply
voltage (VCC) is selected.
Note 3. When OFS1.(STUPLVD1REN, FASTSTUP) = 11b.
Note 4. When OFS1.(STUPLVD1REN, FASTSTUP)
≠ 11b.
Note 5. The minimum VCC down time indicates the time when VCC is below the minimum value of voltage detection levels VPOR, Vdet0,
Vdet1, and Vdet2 for the POR/LVD.
Table 5.41
Power-On Reset Circuit and Voltage Detection Circuit Characteristics (1)
Conditions: 1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Voltage detection level
Power-on reset (POR)
VPOR
1.35
1.50
1.65
V
Figure 5.49,
Figure 5.50
Voltage detection circuit
(LVD1)*1
Vdet1_4
3.00
3.10
3.20
V
Figure 5.51
At falling edge VCC
Vdet1_5
2.91
3.00
3.09
Vdet1_6
2.81
2.90
2.99
Vdet1_7
2.70
2.79
2.88
Vdet1_8
2.60
2.68
2.76
Vdet1_9
2.50
2.58
2.66
Vdet1_A
2.40
2.48
2.56
Vdet1_B
1.99
2.06
2.13
Vdet1_C
1.90
1.96
2.02
Vdet1_D
1.80
1.86
1.92
Table 5.42
Power-On Reset Circuit and Voltage Detection Circuit Characteristics (2)
Conditions: 1.8 V
≤ VCC ≤ 3.6 V, 1.8 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = 0 V, T
a = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Voltage detection level
Voltage detection circuit
(LVD2)*1
Vdet2_0
2.71
2.90
3.09
V
Figure 5.52
At falling edge VCC
Vdet2_1
2.43
2.60
2.77
Vdet2_2
1.87
2.00
2.13
Vdet2_3*2
1.69
1.80
1.91
Wait time after power-on
reset cancellation
At normal startup*3
tPOR
9.1
ms
Figure 5.50
During fast startup time*4
tPOR
1.6
Wait time after voltage
monitoring 1 reset
cancellation
Power-on voltage monitoring
1 reset disabled*3
tLVD1
568
―μs
Figure 5.51
Power-on voltage monitoring
1 reset enabled*4
100
Wait time after voltage monitoring 2 reset cancellation
tLVD2
100
―μs
Figure 5.52
Response delay time
tdet
――
350
μs
Figure 5.49
Minimum VCC down time*5
tVOFF
350
――
μs
Figure 5.49,
VCC = 1.0 V or above
Power-on reset enable time
tW(POR)
1
――
ms
Figure 5.50,
VCC = below 1.0 V
LVD operation stabilization time (after LVD is enabled)
Td(E-A)
――
300
μs
Figure 5.51, Figure 5.52
Hysteresis width (LVD1 and LVD2)
VLVH
70
mV
Vdet1_4 selected
60
Vdet1_5 to 9, LVD2 selected
50
When selection is from
among Vdet1_A to B.
40
When selection is from
among Vdet1_C to D.


유사한 부품 번호 - PLQP0064KB-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PLQP0064KB-A RENESAS-PLQP0064KB-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PLQP0064KB-A RENESAS-PLQP0064KB-A Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
PLQP0064KB-A RENESAS-PLQP0064KB-A Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PLQP0064KB-A RENESAS-PLQP0064KB-A Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
More results

유사한 설명 - PLQP0064KB-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com