전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLQP0064GA-A 데이터시트(PDF) 97 Page - Renesas Technology Corp

부품명 PLQP0064GA-A
상세설명  32 MHz 32-bit RX MCUs, 50 DMIPS
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0064GA-A 데이터시트(HTML) 97 Page - Renesas Technology Corp

Back Button PLQP0064GA-A Datasheet HTML 93Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 94Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 95Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 96Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 97Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 98Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 99Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 100Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
R01DS0202EJ0120 Rev.1.20
Page 97 of 108
Jul 29, 2016
RX110 Group
Appendix 1. Package Dimensions
Appendix 1. Package Dimensions
Information on the latest version of the package dimensions or mountings has been displayed in “Packages” on Renesas
Electronics Corporation website.
Figure A
64-Pin LFQFP (PLQP0064KB-A)
Terminal cross section
b1
bp
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
Index mark
*3
17
32
64
49
116
33
48
F
*1
x
bp
HD
D
ZD
Detail F
L1
L
P-LFQFP64-10x10-0.50
0.3g
MASS[Typ.]
64P6Q-A / FP-64K / FP-64KV
PLQP0064KB-A
RENESAS Code
JEITA Package Code
Previous Code
1.0
0.125
0.18
1.25
1.25
0.08
0.20
0.145
0.09
0.25
0.20
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
10.1
10.0
9.9
D
10.1
10.0
9.9
E
1.4
A2
12.2
12.0
11.8
12.2
12.0
11.8
1.7
A
0.15
0.1
0.05
0.65
0.5
0.35
L
x
c
0.5
e
0.08
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
e
y
S
S


유사한 부품 번호 - PLQP0064GA-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results

유사한 설명 - PLQP0064GA-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
   NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com