전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLQP0064KB-A 데이터시트(PDF) 87 Page - Renesas Technology Corp

부품명 PLQP0064KB-A
상세설명  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0064KB-A 데이터시트(HTML) 87 Page - Renesas Technology Corp

Back Button PLQP0064KB-A Datasheet HTML 83Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 84Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 85Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 86Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 87Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 88Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 89Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 90Page - Renesas Technology Corp PLQP0064KB-A Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 87 of 131
Mar 31, 2016
RX113 Group
5. Electrical Characteristics
Note:
tIICcyc: RIIC internal reference count clock (IICφ) cycle
Note 1. The value in parentheses is used when the ICMR3.NF[1:0] bits are set to 11b while a digital filter is enabled with the ICFER.NFE
bit = 1.
Note 2. The minimum tsr and tsf specifications for fast mode are not set.
Table 5.33
Timing of On-Chip Peripheral Modules (4)
Conditions: 2.7 V
≤ VCC = VCC_USB ≤ 3.6 V, 2.7 V ≤ AVCC0 ≤ 3.6 V, VSS = AVSS0 = VSS_USB = 0 V, fPCLKB ≤ 32 MHz,
Ta = –40 to +105°C
Item
Symbol
Min.*1
Max.
Unit
Test
Conditions
RIIC
(Standard mode,
SMBus)
SCL0 input cycle time
tSCL
6 (12) × tIICcyc + 1300
ns
Figure 5.49
SCL0 input high pulse width
tSCLH
3 (6) × tIICcyc + 300
ns
SCL0 input low pulse width
tSCLL
3 (6) × tIICcyc + 300
ns
SCL0, SDA0 input rise time
tSr
1000
ns
SCL0, SDA0 input fall time
tSf
300
ns
SCL0, SDA0 input spike pulse removal
time
tSP
0
1 (4) × tIICcyc
ns
SDA0 input bus free time
tBUF
3 (6) × tIICcyc + 300
ns
START condition input hold time
tSTAH
tIICcyc + 300
ns
Repeated START condition input setup
time
tSTAS
1000
ns
STOP condition input setup time
tSTOS
1000
ns
Data input setup time
tSDAS
tIICcyc + 50
ns
Data input hold time
tSDAH
0—
ns
SCL0, SDA0 capacitive load
Cb
400
pF
RIIC
(Fast mode)
SCL0 input cycle time
tSCL
6 (12) × tIICcyc + 600
ns
Figure 5.49
SCL0 input high pulse width
tSCLH
3 (6) × tIICcyc + 300
ns
SCL0 input low pulse width
tSCLL
3 (6) × tIICcyc + 300
ns
SCL0, SDA0 input rise time
tSr
—*2
300
ns
SCL0, SDA0 input fall time
tSf
—*2
300
ns
SCL0, SDA0 input spike pulse removal
time
tSP
0
1 (4) × tIICcyc
ns
SDA0 input bus free time
tBUF
3 (6) × tIICcyc + 300
ns
START condition input hold time
tSTAH
tIICcyc + 300
ns
Repeated START condition input setup
time
tSTAS
300
ns
STOP condition input setup time
tSTOS
300
ns
Data input setup time
tSDAS
tIICcyc + 50
ns
Data input hold time
tSDAH
0—
ns
SCL0, SDA0 capacitive load
Cb
400
pF


유사한 부품 번호 - PLQP0064KB-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PLQP0064KB-A RENESAS-PLQP0064KB-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PLQP0064KB-A RENESAS-PLQP0064KB-A Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
PLQP0064KB-A RENESAS-PLQP0064KB-A Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
PLQP0064KB-A RENESAS-PLQP0064KB-A Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
More results

유사한 설명 - PLQP0064KB-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com