전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RX634 데이터시트(PDF) 48 Page - Renesas Technology Corp

부품명 RX634
상세설명  54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX634 데이터시트(HTML) 48 Page - Renesas Technology Corp

Back Button RX634 Datasheet HTML 44Page - Renesas Technology Corp RX634 Datasheet HTML 45Page - Renesas Technology Corp RX634 Datasheet HTML 46Page - Renesas Technology Corp RX634 Datasheet HTML 47Page - Renesas Technology Corp RX634 Datasheet HTML 48Page - Renesas Technology Corp RX634 Datasheet HTML 49Page - Renesas Technology Corp RX634 Datasheet HTML 50Page - Renesas Technology Corp RX634 Datasheet HTML 51Page - Renesas Technology Corp RX634 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 106 page
background image
R01DS0255EJ0100 Rev.1.00
Page 48 of 106
Feb 25, 2015
RX634 Group
4. I/O Registers
0008 A0E8h
SCI7
Noise Filter Setting Register
SNFR
8
8
2 to 3PCLKB
2 ICLK
SCIe, SCIf
0008 A0E9h
SCI7
I2C Mode Register 1
SIMR1
8
8
2 to 3PCLKB
2 ICLK
0008 A0EAh
SCI7
I2C Mode Register 2
SIMR2
8
8
2 to 3PCLKB
2 ICLK
0008 A0EBh
SCI7
I2C Mode Register 3
SIMR3
8
8
2 to 3PCLKB
2 ICLK
0008 A0ECh
SCI7
I2C Status Register
SISR
8
8
2 to 3PCLKB
2 ICLK
0008 A0EDh
SCI7
SPI Mode Register
SPMR
8
8
2 to 3PCLKB
2 ICLK
0008 A100h
SCI8
Serial Mode Register
SMR
8
8
2 to 3PCLKB
2 ICLK
0008 A101h
SCI8
Bit Rate Register
BRR
8
8
2 to 3PCLKB
2 ICLK
0008 A102h
SCI8
Serial Control Register
SCR
8
8
2 to 3PCLKB
2 ICLK
0008 A103h
SCI8
Transmit Data Register
TDR
8
8
2 to 3PCLKB
2 ICLK
0008 A104h
SCI8
Serial Status Register
SSR
8
8
2 to 3PCLKB
2 ICLK
0008 A105h
SCI8
Receive Data Register
RDR
8
8
2 to 3PCLKB
2 ICLK
0008 A106h
SCI8
Smart Card Mode Register
SCMR
8
8
2 to 3PCLKB
2 ICLK
0008 A107h
SCI8
Serial Extended Mode Register
SEMR
8
8
2 to 3PCLKB
2 ICLK
0008 A108h
SCI8
Noise Filter Setting Register
SNFR
8
8
2 to 3PCLKB
2 ICLK
0008 A109h
SCI8
I2C Mode Register 1
SIMR1
8
8
2 to 3PCLKB
2 ICLK
0008 A10Ah
SCI8
I2C Mode Register 2
SIMR2
8
8
2 to 3PCLKB
2 ICLK
0008 A10Bh
SCI8
I2C Mode Register 3
SIMR3
8
8
2 to 3PCLKB
2 ICLK
0008 A10Ch
SCI8
I2C Status Register
SISR
8
8
2 to 3PCLKB
2 ICLK
0008 A10Dh
SCI8
SPI Mode Register
SPMR
8
8
2 to 3PCLKB
2 ICLK
0008 A120h
SCI9
Serial Mode Register
SMR
8
8
2 to 3PCLKB
2 ICLK
0008 A121h
SCI9
Bit Rate Register
BRR
8
8
2 to 3PCLKB
2 ICLK
0008 A122h
SCI9
Serial Control Register
SCR
8
8
2 to 3PCLKB
2 ICLK
0008 A123h
SCI9
Transmit Data Register
TDR
8
8
2 to 3PCLKB
2 ICLK
0008 A124h
SCI9
Serial Status Register
SSR
8
8
2 to 3PCLKB
2 ICLK
0008 A125h
SCI9
Receive Data Register
RDR
8
8
2 to 3PCLKB
2 ICLK
0008 A126h
SCI9
Smart Card Mode Register
SCMR
8
8
2 to 3PCLKB
2 ICLK
0008 A127h
SCI9
Serial Extended Mode Register
SEMR
8
8
2 to 3PCLKB
2 ICLK
0008 A128h
SCI9
Noise Filter Setting Register
SNFR
8
8
2 to 3PCLKB
2 ICLK
0008 A129h
SCI9
I2C Mode Register 1
SIMR1
8
8
2 to 3PCLKB
2 ICLK
0008 A12Ah
SCI9
I2C Mode Register 2
SIMR2
8
8
2 to 3PCLKB
2 ICLK
0008 A12Bh
SCI9
I2C Mode Register 3
SIMR3
8
8
2 to 3PCLKB
2 ICLK
0008 A12Ch
SCI9
I2C Status Register
SISR
8
8
2 to 3PCLKB
2 ICLK
0008 A12Dh
SCI9
SPI Mode Register
SPMR
8
8
2 to 3PCLKB
2 ICLK
0008 A140h
SCI10
Serial Mode Register
SMR
8
8
2 to 3PCLKB
2 ICLK
0008 A141h
SCI10
Bit Rate Register
BRR
8
8
2 to 3PCLKB
2 ICLK
0008 A142h
SCI10
Serial Control Register
SCR
8
8
2 to 3PCLKB
2 ICLK
0008 A143h
SCI10
Transmit Data Register
TDR
8
8
2 to 3PCLKB
2 ICLK
0008 A144h
SCI10
Serial Status Register
SSR
8
8
2 to 3PCLKB
2 ICLK
0008 A145h
SCI10
Receive Data Register
RDR
8
8
2 to 3PCLKB
2 ICLK
0008 A146h
SCI10
Smart Card Mode Register
SCMR
8
8
2 to 3PCLKB
2 ICLK
0008 A147h
SCI10
Serial Extended Mode Register
SEMR
8
8
2 to 3PCLKB
2 ICLK
0008 A148h
SCI10
Noise Filter Setting Register
SNFR
8
8
2 to 3PCLKB
2 ICLK
0008 A149h
SCI10
I2C Mode Register 1
SIMR1
8
8
2 to 3PCLKB
2 ICLK
0008 A14Ah
SCI10
I2C Mode Register 2
SIMR2
8
8
2 to 3PCLKB
2 ICLK
0008 A14Bh
SCI10
I2C Mode Register 3
SIMR3
8
8
2 to 3PCLKB
2 ICLK
0008 A14Ch
SCI10
I2C Status Register
SISR
8
8
2 to 3PCLKB
2 ICLK
0008 A14Dh
SCI10
SPI Mode Register
SPMR
8
8
2 to 3PCLKB
2 ICLK
0008 A160h
SCI11
Serial Mode Register
SMR
8
8
2 to 3PCLKB
2 ICLK
0008 A161h
SCI11
Bit Rate Register
BRR
8
8
2 to 3PCLKB
2 ICLK
0008 A162h
SCI11
Serial Control Register
SCR
8
8
2 to 3PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (23 / 34)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
Remarks
ICLK
PCLK
ICLK <
PCLK


유사한 부품 번호 - RX634

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX63N RENESAS-RX63N Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results

유사한 설명 - RX634

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com