전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RX634 데이터시트(PDF) 91 Page - Renesas Technology Corp

부품명 RX634
상세설명  54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX634 데이터시트(HTML) 91 Page - Renesas Technology Corp

Back Button RX634 Datasheet HTML 87Page - Renesas Technology Corp RX634 Datasheet HTML 88Page - Renesas Technology Corp RX634 Datasheet HTML 89Page - Renesas Technology Corp RX634 Datasheet HTML 90Page - Renesas Technology Corp RX634 Datasheet HTML 91Page - Renesas Technology Corp RX634 Datasheet HTML 92Page - Renesas Technology Corp RX634 Datasheet HTML 93Page - Renesas Technology Corp RX634 Datasheet HTML 94Page - Renesas Technology Corp RX634 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 106 page
background image
R01DS0255EJ0100 Rev.1.00
Page 91 of 106
Feb 25, 2015
RX634 Group
5. Electrical Characteristics
5.4
A/D Conversion Characteristics
Note:
The characteristics apply when no pin functions other than A/D converter input are used. Absolute accuracy includes
quantization errors. Offset error, full-scale error, DNL differential nonlinearity error, and INL integral nonlinearity error do not
include quantization errors.
Note:
When using the channel-dedicated sample-and-hold circuit, use the AN000 to AN002 analog input voltage (VAN) that satisfies
all the following conditions: 0.25 V
≤ V
AN ≤ AVCC0 - 0.25 V, VAN ≤ VREFH0, and AVCC0 ≥ 2.7 V.
Note 1. The conversion time is the sum of the sampling time and the comparison time. As the test conditions, the number of sampling
states is indicated.
Note 2. The value in parentheses indicates the sampling time.
Table 5.30
A/D Conversion Characteristics
Conditions 1: VCC = AVCC0 = VREFH0 = 2.7 to 3.6 V, VREFH = 2.7 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Conditions 2: VCC = AVCC0 = VREFH0 = 4.0 to 5.5 V, VREFH = 4.0 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Item
Min.
Typ.
Max.
Unit
Test Conditions
A/D conversion clock frequency (fPCLKD)
1
54
MHz
Resolution
12
Bit
Conversion time*1
(AD clock = 54 MHz)
Permissible signal source
impedance = 1.0 k
1 (0.4)*2
——
μs
High-precision channel
Permissible signal source
impedance = 1 k
Ω, AVCC ≥
4.0 V
1.9 (1.3)*2
Normal-precision channel
Permissible signal source
impedance = 1 k
Ω, AVCC ≥
2.7 V
2.5 (1.9)*2
——
Analog input capacitance
30
pF
Offset error
±2.0
±6.0
LSB
High-precision channel (SH used)
±1.5
±3.0
High-precision channel (SH not used)
±2.0
±7.5
Normal-precision channel
Full-scale error
±2.0
±6.0
LSB
High-precision channel (SH used)
±1.5
±3.0
High-precision channel (SH not used)
±2.0
±7.5
Normal-precision channel
Quantization error
±0.5
LSB
Absolute accuracy
±4.0
±8.0
LSB
High-precision channel (SH used)
±2.0
±6.0
High-precision channel (SH not used)
±2.5
±8.0
Normal-precision channel
DNL differential nonlinearity error
±2.0
±6.0
LSB
High-precision channel (SH used)
±1.5
±3.0
High-precision channel (SH not used)
±2.0
±4.0
Normal-precision channel
INL integral nonlinearity error
±2.0
±6.0
LSB
High-precision channel (SH used)
±1.5
±3.0
High-precision channel (SH not used)
±2.0
±4.0
Normal-precision channel
Table 5.31
Sampling Time
Conditions 1: VCC = AVCC0 = VREFH0 = 2.7 to 3.6V, VREFH = 2.7 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Conditions 2: VCC = AVCC0 = VREFH0 = 4.0 to 5.5V, VREFH = 4.0 V to AVCC0, VSS = AVSS0 = VREFL = VREFL0 = 0 V,
Ta = –40 to +85°C
Item
Symbol
Typ.
Unit
Test Conditions
Sampling time
High-precision channel
Ts
0.2 + 0.16 × R0 (K
Ω)
μs
Figure 5.36
Normal-precision channel
0.3 + 0.16 × R0 (K
Ω)


유사한 부품 번호 - RX634

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX63N RENESAS-RX63N Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results

유사한 설명 - RX634

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com