전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S3A7 데이터시트(PDF) 90 Page - Renesas Technology Corp

부품명 S3A7
상세설명  32-bit ARM Cortex-M4 microcontroller
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A7 데이터시트(HTML) 90 Page - Renesas Technology Corp

Back Button S3A7 Datasheet HTML 86Page - Renesas Technology Corp S3A7 Datasheet HTML 87Page - Renesas Technology Corp S3A7 Datasheet HTML 88Page - Renesas Technology Corp S3A7 Datasheet HTML 89Page - Renesas Technology Corp S3A7 Datasheet HTML 90Page - Renesas Technology Corp S3A7 Datasheet HTML 91Page - Renesas Technology Corp S3A7 Datasheet HTML 92Page - Renesas Technology Corp S3A7 Datasheet HTML 93Page - Renesas Technology Corp S3A7 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 133 page
background image
R01DS0263EU0100 Rev.1.00
Page 90 of 130
Feb 23, 2016
S3A7
2. Electrical Characteristics
Figure 2.70
SSI data output delay from SSIWSn change time
2.3.14
SD/MMC Host Interface Timing
Figure 2.71
SD/MMC host interface signal timing
Table 2.44
SD/MMC host interface signal timing
Conditions: VCC = AVCC0 = 2.7 to 5.5 V
Middle drive output is selected in the Drive Capavility Control in PmnPFS register
Item
Symbol
Min
Max
Unit
Test
conditions
SDCLK clock cycle
tSDCYC
62.5
-
ns
Figure 2.71
SDCLK clock high-level pulse width
tSDWH
18.25
-
ns
SDCLK clock low-level pulse width
tSDWL
18.25
-
ns
SDCLK clock rising time
tSDLH
-10
ns
SDCLK clock falling time
tSDHL
-10
ns
SDCMD/SDDAT output data delay
tSDODLY
–18.25
18.25
ns
SDCMD/SDDAT input data setup
tSDIS
9.25
-
ns
SDCMD/SDDAT input data hold
tSDIH
23.25
-
ns
tDTRW
SSIWSn (Input)
SSIDATAn (Output)
MSB bit output delay from SSIWSn change time for Slave
transmitter when DEL = 1, SDTA = 0 or DEL = 1, SDTA = 1, SWL[2:0] = DWL[2:0]
SDCLK
(output)
SDCMD/SDDAT
(input)
SDCMD/SDDAT
(output)
tSDODLY(max)
tSDIS
tSDIH
tSDLH
tSDHL
tSDCYC
tSDWH
tSDWL
tSDODLY(min)


유사한 부품 번호 - S3A7

제조업체부품명데이터시트상세설명
logo
CHENG-YI ELECTRONIC CO....
S3A CHENG-YI-S3A Datasheet
119Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
Bruckewell Technology L...
S3A BWTECH-S3A Datasheet
84Kb / 2P
   SURFACE MOUNTGLASS PASSIVATED RECTIFIERS
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
logo
Nanjing International G...
S3A DGNJDZ-S3A Datasheet
151Kb / 2P
   3.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

유사한 설명 - S3A7

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
S7G2 RENESAS-S7G2 Datasheet
1Mb / 116P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com