전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S5D9 데이터시트(PDF) 35 Page - Renesas Technology Corp

부품명 S5D9
상세설명  Microcontroller
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D9 데이터시트(HTML) 35 Page - Renesas Technology Corp

Back Button S5D9 Datasheet HTML 31Page - Renesas Technology Corp S5D9 Datasheet HTML 32Page - Renesas Technology Corp S5D9 Datasheet HTML 33Page - Renesas Technology Corp S5D9 Datasheet HTML 34Page - Renesas Technology Corp S5D9 Datasheet HTML 35Page - Renesas Technology Corp S5D9 Datasheet HTML 36Page - Renesas Technology Corp S5D9 Datasheet HTML 37Page - Renesas Technology Corp S5D9 Datasheet HTML 38Page - Renesas Technology Corp S5D9 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 115 page
background image
R01DS0303EU0100 Rev.1.00
Page 35 of 115
Nov 3, 2016
S5D9
2. Electrical Characteristics
2.2.5
Operating and Standby Current
Table 2.7
Operating and standby current (1 of 2)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Supply
current
*1
Maximum
*2
ICC*3
--
137
*2
mA
ICLK = 120 MHz
PCLKA = 120 MHz*7
PCLKB = 60 MHz
PCLKC = 60 MHz
PCLKD = 120 MHz
FCLK = 60 MHz
BCLK = 120 MHz
CoreMark®
*5
-21
-
Normal mode
All peripheral clocks enabled,
while (1) code executing from
flash
*4
-34
-
All peripheral clocks disabled,
while (1) code executing from
flash
*5, *6
-14
-
Sleep mode
*5, *6
-12
46
Increase during BGO
operation
Data flash P/E
-
6
-
Code flash P/E
-
8
-
Low-speed mode
*5
-2.4
-
ICLK = 1 MHz
Subosc-speed mode
*5
-
2
-
ICLK = 32.768 kHz
Software Standby mode
-
1.8
28
-
Power supplied to Standby SRAM and USB resume
detecting unit
-30
113
μA-
Power not supplied to
SRAM or USB resume
detecting unit
Power-on reset circuit low-
power function disabled
-13
40
-
Power-on reset circuit low-
power function enabled
-6.3
34
-
Increase when the RTC
and AGT are operating
When the low-speed on-chip
oscillator (LOCO) is in use
-5
-
-
When a crystal oscillator for
low clock loads is in use
-1.0
-
-
When a crystal oscillator for
standard clock loads is in use
-1.5
-
-
RTC operating while VCC is off (with
the battery backup function, only the
RTC and sub-clock oscillator
operate)
When a crystal
oscillator for low clock
loads is in use
-0.9
-
VBATT = 1.8 V,
VCC = 0 V
-1.3
-
VBATT = 3.3 V,
VCC = 0 V
When a crystal
oscillator for standard
clock loads is in use
-1.1
-
VBATT = 1.8 V,
VCC = 0 V
-1.8
-
VBATT = 3.3 V,
VCC = 0 V
Analog
power
supply
current
During 12-bit A/D conversion
AICC
-0.8
1.1
mA
-
During 12-bit A/D conversion with S/H amp
-
2.3
3.3
mA
-
PGA (1ch)
-
1
3
mA
-
ACMPHS (1unit)
-
100
150
µA
AVCC ≥ 2.7 V
Temperature sensor
-
0.1
0.2
mA
-
During D/A conversion (per unit)
Without AMP output
-
0.1
0.2
mA
-
With AMP output
-
0.6
1.1
mA
-
Waiting for A/D, D/A conversion (all units)
-
0.9
1.6
mA
-
ADC12, DAC12 in standby modes (all units)*8
-2
8
µA
-
Reference
power
supply
current
(VREFH0)
During 12-bit A/D conversion (unit 0)
AIREFH0
-
70
120
μA-
Waiting for 12-bit A/D conversion (unit 0)
-
0.07
0.5
μA-
ADC12 in standby modes (unit 0)
-
0.07
0.5
µA
-
Reference
power
supply
current
(VREFH)
During 12-bit A/D conversion (unit 1)
AIREFH
-
70
120
µA
-
During D/A conversion
(per unit)
Without AMP output
-
0.1
0.4
mA
-
With AMP ouput
-
0.1
0.4
mA
-
Waiting for 12-bit A/D (unit 1), D/A (all units) conversion
-
0.07
0.8
µA
-
ADC12 unit 1 in standby modes
-
0.07
0.8
µA
-


유사한 부품 번호 - S5D9

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
S5D MCC-S5D Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
S5D SAMYANG-S5D Datasheet
1Mb / 3P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
S5D TAYCHIPST-S5D Datasheet
14Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Gaomi Xinghe Electronic...
S5D GXELECTRONICS-S5D Datasheet
416Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Semikron International
S5D SEMIKRON-S5D Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
More results

유사한 설명 - S5D9

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com