전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S7G2 데이터시트(PDF) 47 Page - Renesas Technology Corp

부품명 S7G2
상세설명  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 데이터시트(HTML) 47 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 43Page - Renesas Technology Corp S7G2 Datasheet HTML 44Page - Renesas Technology Corp S7G2 Datasheet HTML 45Page - Renesas Technology Corp S7G2 Datasheet HTML 46Page - Renesas Technology Corp S7G2 Datasheet HTML 47Page - Renesas Technology Corp S7G2 Datasheet HTML 48Page - Renesas Technology Corp S7G2 Datasheet HTML 49Page - Renesas Technology Corp S7G2 Datasheet HTML 50Page - Renesas Technology Corp S7G2 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 47 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
2.3.4
Wakeup Timing and Duration
Note 1. The recovery time is determined by the system clock source. When multiple oscillators are active, the recovery
time can be determined with the following equation:
Total recovery time = recovery time for an oscillator as the system clock source + the longest oscillation
stabilization time of any oscillators requiring longer stabilization times than the system clock source + 2 LOCO
cycles (when LOCO is operating) + 3 SOSC cycles (when Subosc is oscillating and MSTPC0 = 0 (CAC module
stop)).
Note 2. When the frequency of the crystal is 24 MHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to
05h). For other settings (MOSCWTCR is set to Xh), the recovery time can be determined with the following
equation:
tSBYMC (MOSCWTCR = Xh) = tSBYMC (MOSCWTCR = 05h) + (tMAINOSCWT (MOSCWTCR = Xh) - tMAINOSCWT
(MOSCWTCR = 05h))
Note 3. When the frequency of PLL is 240 MHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to
05h). For other settings (MOSCWTCR is set to Xh), the recovery time can be determined with the following
equation:
tSBYMC (MOSCWTCR = Xh) = tSBYMC (MOSCWTCR = 05h) + (tMAINOSCWT (MOSCWTCR = Xh) - tMAINOSCWT
(MOSCWTCR = 05h))
Note 4. When the frequency of the external clock is 24 MHz (Main Clock Oscillator Wait Control Register (MOSCWTCR)
is set to 00h). For other settings (MOSCWTCR is set to Xh), the recovery time can be determined with the
following equation:
tSBYMC (MOSCWTCR = Xh) = tSBYMC (MOSCWTCR = 00h) + (tMAINOSCWT (MOSCWTCR = Xh) - tMAINOSCWT
(MOSCWTCR = 00h))
Note 5. When the frequency of PLL is 240 MHz (Main Clock Oscillator Wait Control Register (MOSCWTCR) is set to
00h). For other settings (MOSCWTCR is set to Xh), the recovery time can be determined with the following
Table 2.16
Timing of recovery from low-power modes and duration
Item
Symbol
Min
Typ
Max
Unit
Test
conditions
Recovery time
from Software
Standby mode*1
Crystal
resonator
connected
to main
clock
oscillator
System clock source is main
clock oscillator*2
tSBYMC
--
2.8
ms
Figure 2.10
The division
ratio of all
oscillators is
1.
System clock source is PLL
with main clock oscillator*3
tSBYPC
--
3.2
ms
External
clock input
to main
clock
oscillator
System clock source is main
clock oscillator*4
tSBYEX
--
280
μs
System clock source is PLL
with main clock oscillator*5
tSBYPE
--
700
μs
System clock source is sub-clock
oscillator*8
tSBYSC
--1.3
ms
System clock source is LOCO*8
tSBYLO
--1.4
ms
System clock source is HOCO clock
oscillator*6
tSBYHO
-
-
300
µs
System clock source is MOCO clock
oscillator*7
tSBYMO
-
-
300
µs
Recovery time from Deep Software Standby mode
tDSBY
--1.0
ms
Figure 2.11
Wait time after cancellation of Deep Software Standby mode
tDSBYWT
31
-
32
tcyc
Recovery time
from Software
Standby mode to
Snooze
High-speed mode when system clock
source is HOCO (20 MHz)
tSNZ
--68
μs-
High-speed mode when system clock
source is MOCO (8 MHz)
tSNZ
--14*9
μs
Normal mode
duration*10
System clock source is main clock oscillator
tNML
-*11
--
tcycmosc Figure 2.10
System clock source is PLL with main clock
oscillator


유사한 설명 - S7G2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com