전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S7G2 데이터시트(PDF) 31 Page - Renesas Technology Corp

부품명 S7G2
상세설명  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 데이터시트(HTML) 31 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 27Page - Renesas Technology Corp S7G2 Datasheet HTML 28Page - Renesas Technology Corp S7G2 Datasheet HTML 29Page - Renesas Technology Corp S7G2 Datasheet HTML 30Page - Renesas Technology Corp S7G2 Datasheet HTML 31Page - Renesas Technology Corp S7G2 Datasheet HTML 32Page - Renesas Technology Corp S7G2 Datasheet HTML 33Page - Renesas Technology Corp S7G2 Datasheet HTML 34Page - Renesas Technology Corp S7G2 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 31 of 113
Feb 23, 2016
S7G2
1. Overview
J5
--
---
PA0
3
--
------
RX
D7_
B/
MIS
O7
_B/
SC
L7_
B
------
----IRQ
9
-
H6
--
---
PA0
2
--
------
TX
D7_
B/
MO
SI7
_B/
SD
A7_
B
------
----IRQ
10
-
J6
H2
113
---
PA0
1
--
------
-------
-----LC
D_
DA
TA0
6_B
J7
H4
114
---
PA0
0
--
------
-------
-----LC
D_
DA
TA0
5_B
K5
J4
115
-
-
-
P60
7
--
------
-------
-----LC
D_
DA
TA0
4_B
K6
J1
116
-
-
-
P60
6
--
------
-------
-----LC
D_
DA
TA0
3_B
K1
J2
117
H2
93
-
P60
5
D11
DQ
11
------
-------
------
K2
J3
118
G4
94
-
P60
4
D12
DQ
12
------
-------
------
K3
K3
119
H3
95
-
P60
3
D13
DQ
13
------
-------
------
L1
K1
120
J1
96
65
P60
2
EB
CL
K
SD
CL
K
------
-------
-----LC
D_
DA
TA0
4_A
L2
K2
121
J2
9766-
P60
1
WR
/W
R0
DQ
M0
------
-------
-----LC
D_
DA
TA0
3_A
L3
L1
122
H4
98
67
-
P60
0
RD
-
------
-------
-----LC
D_
DA
TA0
2_A
M2
K4
123
K2
99
-
VC
C
---
------
-------
------
M1
L4
124
K1
100
-
VS
S
---
------
-------
------
K4
L2
125
J3
101
68
-
P10
7
D07
DQ
07
--GTI
OC
8A_
A
--CT
S8_
RT
S8_
A/
SS
8_A
-------
----KR
07
LC
D_
DA
TA0
1_A
L4
M1
126
K3
102
69
-
P10
6
D06
DQ
06
--GTI
OC
8B_
A
--SC
K8_
A
--SS
LA3
_A
----
----KR
06
LC
D_
DA
TA0
0_A
M3
L3
127
J4
103
70
-
P10
5
D05
DQ
05
-GT
ET
RG
A_
C
---TX
D8
_A/
MO
SI8
_A/
SD
A8_
A
--SS
LA2
_A
----
----IRQ
0/K
R05
LC
D_
TC
ON
3_A
N3
M2
128
L3
104
71
-
P10
4
D04
DQ
04
-GT
ET
RG
B_
B
---RX
D8_
A/
MIS
O8
_A/
SC
L8_
A
--SS
LA1
_A
----
----IRQ
1/K
R04
LC
D_
TC
ON
2_A
Table 1.17
Pin list (9/12)
Pin number
Extbus
Timers
Communication interfaces
Analog
HMI


유사한 설명 - S7G2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com