전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLQP0064GA-A 데이터시트(PDF) 40 Page - Renesas Technology Corp

부품명 PLQP0064GA-A
상세설명  32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0064GA-A 데이터시트(HTML) 40 Page - Renesas Technology Corp

Back Button PLQP0064GA-A Datasheet HTML 36Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 37Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 38Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 39Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 40Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 41Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 42Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 43Page - Renesas Technology Corp PLQP0064GA-A Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 116 page
background image
R01DS0273EJ0100 Rev.1.00
Page 40 of 116
Oct 30, 2015
RX130 Group
4. I/O Registers
Note 1.
Odd addresses cannot be accessed in 16-bit units. When accessing a register in 16-bit units, access the address of the TMR0 or TMR2 register. Table 22.4 lists register
allocation for 16-bit access.
007F
C0B2h
FLASH
Flash Access Window Start Address Monitor Register
FAWSMR
16
16
2 or 3 PCLKB
007F
C0B4h
FLASH
Flash Access Window End Address Monitor Register
FAWEMR
16
16
2 or 3 PCLKB
007F
C0B6h
FLASH
Flash Initial Setting Register
FISR
8
8
2 or 3 PCLKB
007F
C0B7h
FLASH
Flash Extra Area Control Register
FEXCR
8
8
2 or 3 PCLKB
007F
C0B8h
FLASH
Flash Error Address Monitor Register L
FEAML
16
16
2 or 3 PCLKB
007F
C0BAh
FLASH
Flash Error Address Monitor Register H
FEAMH
8
8
2 or 3 PCLKB
007F
C0C0h
FLASH
Protection Unlock Register
FPR
8
8
2 or 3 PCLKB
007F
C0C1h
FLASH
Protection Unlock Status Register
FPSR
8
8
2 or 3 PCLKB
007F
C0C2h
FLASH
Flash Read Buffer Register L
FRBL
16
16
2 or 3 PCLKB
007F
C0C4h
FLASH
Flash Read Buffer Register H
FRBH
16
16
2 or 3 PCLKB
007F FF80h
FLASH
Flash P/E Mode Control Register
FPMCR
8
8
2 or 3 PCLKB
007F FF81h
FLASH
Flash Area Select Register
FASR
8
8
2 or 3 PCLKB
007F FF82h
FLASH
Flash Processing Start Address Register L
FSARL
16
16
2 or 3 PCLKB
007F FF84h
FLASH
Flash Processing Start Address Register H
FSARH
8
8
2 or 3 PCLKB
007F FF85h
FLASH
Flash Control Register
FCR
8
8
2 or 3 PCLKB
007F FF86h
FLASH
Flash Processing End Address Register L
FEARL
16
16
2 or 3 PCLKB
007F FF88h
FLASH
Flash Processing End Address Register H
FEARH
8
8
2 or 3 PCLKB
007F FF89h
FLASH
Flash Reset Register
FRESETR
8
8
2 or 3 PCLKB
007F FF8Ah
FLASH
Flash Status Register 0
FSTATR0
8
8
2 or 3 PCLKB
007F FF8Bh
FLASH
Flash Status Register 1
FSTATR1
8
8
2 or 3 PCLKB
007F
FF8Ch
FLASH
Flash Write Buffer Register L
FWBL
16
16
2 or 3 PCLKB
007F FF8Eh
FLASH
Flash Write Buffer Register H
FWBH
16
16
2 or 3 PCLKB
007F FFB2h
FLASH
Flash P/E Mode Entry Register
FENTRYR
16
16
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (16 / 16)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access
Cycles


유사한 부품 번호 - PLQP0064GA-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
PLQP0064GA-A RENESAS-PLQP0064GA-A Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
More results

유사한 설명 - PLQP0064GA-A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com