전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD48288118AF1 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 UPD48288118AF1
상세설명  288M-BIT Low Latency DRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48288118AF1 데이터시트(HTML) 2 Page - Renesas Technology Corp

  UPD48288118AF1 Datasheet HTML 1Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 2Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 3Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 4Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 5Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 6Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 7Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 8Page - Renesas Technology Corp UPD48288118AF1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
µµµµPD48288118AF1
R10DS0255EJ0101 Rev. 1.01
Page 2 of 51
Jan. 15, 2016
Ordering Information
Part number
Cycle
Clock
Random Organization Core Supply Core Supply Output Supply
Package
Time Frequency
Cycle
(word x bit)
Voltage
Voltage
Voltage
(VEXT)
(VDD)
(VDDQ)
ns
MHz
ns
V
V
V
µPD48288118AF1-E18-DW1-A
1.875
533
15
16 M x 18
2.5 + 0.13
1.8 ± 0.1
1.5 ± 0.1
144-pin
2.5 – 0.12
or
FBGA
µPD48288118AF1-E24-DW1-A
2.5
400
15
1.8 ± 0.1
(18.5 x 11)
Lead-free
Part Number Definition
Example) UPD48288218AF1-E24-DW1-A
I/O
Separate I/O
1
Common I/O
2
Configuration
x9 bit
09
x18 bit
18
x36 bit
36
Speed
533 MHz
18
400 MHz
24
Temp
C-Temp
(none)
I-Temp
Y
Shipping Form
Tray
(none)
Tape & Reel
-E2
Memory Density
288 Mbit
UPD48 288
2
18
AF1
- E
24
-
DW1
- A


유사한 부품 번호 - UPD48288118AF1

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
UPD48288118AFF-E18-DW1 RENESAS-UPD48288118AFF-E18-DW1 Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E18-DW1-A RENESAS-UPD48288118AFF-E18-DW1-A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E24-DW1 RENESAS-UPD48288118AFF-E24-DW1 Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E24-DW1-A RENESAS-UPD48288118AFF-E24-DW1-A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48288118AFF-E25-DW1 RENESAS-UPD48288118AFF-E25-DW1 Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
More results

유사한 설명 - UPD48288118AF1

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288109A RENESAS-UPD48288109A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com