전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XDUY06A 데이터시트(PDF) 1 Page - SunLED Corporation

부품명 XDUY06A
상세설명  Low power consumption
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XDUY06A 데이터시트(HTML) 1 Page - SunLED Corporation

  XDUY06A Datasheet HTML 1Page - SunLED Corporation XDUY06A Datasheet HTML 2Page - SunLED Corporation XDUY06A Datasheet HTML 3Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: XDUY06A
8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY
Oct 17,2016
XDSA0133 V10-X Layout: Maggie L.
P. 1/3
Features
● Low power consumption
● Robust package
● I.C. Compatible
● Standard configuration: Gray face w/ white
segments
● Optional black face provides superior color
contrast
● RoHS Compliant
Absolute Maximum Ratings
(TA=25°C)
Yellow
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PD
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3-5 Seconds
Package Schematics
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
Yellow
(GaAsP/GaP)
Unit
Forward Voltage (Typ.) (IF=10mA)
VF
1.95
V
Forward Voltage (Max.) (IF=10mA)
VF
2.5
V
Reverse Current (Max.) (VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=10mA)
λP
590*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=10mA)
λD
588*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
λ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)
Part
Number
Emitting
Color
Emitting
Material
Wavelength
CIE127-2007*
nm
λP
Description
min.
typ.
XDUY06A
Yellow
GaAsP/GaP
2200
900*
4990
1690*
590*
Common Anode,
Rt.Hand Decimal.
Luminous Intensity
CIE127-2007*
(IF=10mA)
ucd
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


유사한 부품 번호 - XDUY06A

제조업체부품명데이터시트상세설명
logo
SunLED Corporation
XDUY06C SUNLED-XDUY06C Datasheet
228Kb / 3P
   Low power consumption
More results

유사한 설명 - XDUY06A

제조업체부품명데이터시트상세설명
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com