전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD48288209AF1 데이터시트(PDF) 17 Page - Renesas Technology Corp

부품명 UPD48288209AF1
상세설명  288M-BIT Low Latency DRAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48288209AF1 데이터시트(HTML) 17 Page - Renesas Technology Corp

Back Button UPD48288209AF1 Datasheet HTML 13Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 14Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 15Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 16Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 17Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 18Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 19Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 20Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
µµµµPD48288209AF1, µµµµPD48288218AF1, µµµµPD48288236AF1
R10DS0254EJ0101 Rev. 1.01
Page 17 of 53
Jan. 15, 2016
2.
Operation
2.1
Command Operation
According to the functional signal description, the following command sequences are possible. All input states or sequences not shown
are illegal or reserved. All command and address inputs must meet setup and hold times around the rising edge of CK.
Table 2-1. Address Widths at Different Burst Lengths
Burst Length
Configuration
x9
x18
x36
BL=2
A0–A20
A0–A19
A0–A18
BL=4
A0–A19
A0–A18
A0–A17
BL=8
A0–A18
A0–A17
N/A
Table 2-2. Command Table
Operation
Code
CS#
WE#
REF#
A0–AnNote1
BA0–BA2
Note
Device DESELECT / No Operation
DESEL / NOP
H
X
X
X
X
MRS: Mode Register Set
MRS
L
L
L
OPCODE
X
2
READ
READ
L
H
H
A
BA
3
WRITE
WRITE
L
L
H
A
BA
3
AUTO REFRESH
AREF
L
H
L
X
BA
Notes
1. n = 20.
2. Only A0–A17 are used for the MRS command.
3. See Table 2-1.
Remark X = “Don’t Care”, H = logic HIGH, L = logic LOW, A = valid address, BA = valid bank address
2.2
Description of Commands
DESEL / NOP Note1
The NOP command is used to perform a no operation to the
µPD48288209/18/36AF1, which essentially deselects the chip. Use the
NOP command to prevent unwanted commands from being registered during idle or wait states. Operations already in progress are not
affected. Output values depend on command history.
MRS
The mode register is set via the address inputs A0–A17. See Figure 2-5. Mode Register Bit Map for further information. The
MRS command can only be issued when all banks are idle and no bursts are in progress.
READ
The READ command is used to initiate a burst read access to a bank. The value on the BA0–BA2 inputs selects the bank, and the
address provided on inputs A0–A20 selects the data location within the bank.
WRITE
The WRITE command is used to initiate a burst write access to a bank. The value on the BA0–BA2 inputs selects the bank, and the
address provided on inputs A0–A20 selects the data location within the bank. Input data appearing on the DQ is written to the memory
array subject to the DM input logic level appearing coincident with the data. If the DM signal is registered LOW, the corresponding
data will be written to memory. If the DM signal is registered HIGH, the corresponding data inputs will be ignored (i.e., this part of
the data word will not be written).


유사한 부품 번호 - UPD48288209AF1

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
UPD48288209AFF-E18-DW1 RENESAS-UPD48288209AFF-E18-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E18-DW1-A RENESAS-UPD48288209AFF-E18-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1 RENESAS-UPD48288209AFF-E24-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1-A RENESAS-UPD48288209AFF-E24-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E25-DW1 RENESAS-UPD48288209AFF-E25-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
More results

유사한 설명 - UPD48288209AF1

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288109A RENESAS-UPD48288109A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com