전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPD48576118F1 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 UPD48576118F1
상세설명  576M-BIT Low Latency DRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48576118F1 데이터시트(HTML) 4 Page - Renesas Technology Corp

  UPD48576118F1 Datasheet HTML 1Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 2Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 3Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 4Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 5Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 6Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 7Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 8Page - Renesas Technology Corp UPD48576118F1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
µµµµPD48576118F1
R10DS0257EJ0101 Rev. 1.01
Page 4 of 51
Jan. 15, 2016
Pin Description
(1/2)
Symbol
Type
Description
CK, CK#
Input
Clock inputs:
CK and CK# are differential clock inputs. This input clock pair registers address and control inputs
on the rising edge of CK. CK# is ideally 180 degrees out of phase with CK.
CS#
Input
Chip select
CS# enables the commands when CS# is LOW and disables them when CS# is HIGH. When the
command is disabled, new commands are ignored, but internal operations continue.
WE#, REF#
Input
WRITE command pin, Refresh command pin:
WE#, REF# are sampled at the positive edge of CK, WE#, and REF# define (together with CS#) the
command to be executed.
A0–A21
Input
Address inputs:
A0–A21 define the row and column addresses for READ and WRITE operations. During a MODE
REGISTER SET, the address inputs define the register settings. They are sampled at the rising
edge of CK.
A21 is reserved for address expansion. This expansion address can be treated as address input, but
it does not affect the operation of the device.
A22
Input
Reserved for future use:
These signals should be tied to VSS or leave open.
BA0–BA2
Input
Bank address inputs;
Select to which internal bank a command is being applied.
D0–D17
Input
Data input:
The D signals form the 18-bit input data bus. During WRITE commands, the data is referenced to
both edges of DK.
.
.
Q0–Q17
Output
Data output:
The Q signals form the 18-bit output data bus. During READ commands, the data is referenced to
both edges of QK.
.
.
QKx, QKx#
Output
Output data clocks:
QKx and QKx# are opposite polarity, output data clocks. They are always free running and edge-
aligned with data output from the
µPD48576118F1. QKx# is ideally 180 degrees out of phase with
QKx.
QK0 and QK0# are aligned with Q0–Q8. QK1 and QK1# are aligned with Q9–Q17.
DK, DK#
Input
Input data clock;
DK and DK# are the differential input data clocks. All input data is referenced to both edges of DK.
DK# is ideally 180 degrees out of phase with DK.
All Ds are referenced to DK and DK#.
DM
Input
Input data mask;
The DM signal is the input mask signal for WRITE data. Input data is masked when DM is sampled
HIGH along with the WRITE input data. DM is sampled on both edges of DK. The signal should be
VSS if not used.
QVLD
Output
Data valid;
The QVLD indicates valid output data. QVLD is edge-aligned with QKx and QKx#.


유사한 부품 번호 - UPD48576118F1

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
UPD48576118FF-E18-DW1 RENESAS-UPD48576118FF-E18-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E18-DW1-A RENESAS-UPD48576118FF-E18-DW1-A Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E24-DW1 RENESAS-UPD48576118FF-E24-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E24-DW1-A RENESAS-UPD48576118FF-E24-DW1-A Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576118FF-E25-DW1 RENESAS-UPD48576118FF-E25-DW1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
More results

유사한 설명 - UPD48576118F1

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48288209AF1 RENESAS-UPD48288209AF1 Datasheet
1Mb / 54P
   288M-BIT Low Latency DRAM
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
logo
GSI Technology
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
logo
Micron Technology
MT49H8M32 MICRON-MT49H8M32 Datasheet
652Kb / 43P
   REDUCED LATENCY DRAM RLDRAM
logo
Renesas Technology Corp
RMHE41A184AGBG RENESAS-RMHE41A184AGBG Datasheet
644Kb / 52P
   1.1G-BIT Low Latency DRAM-III Common I/O Burst Length of 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com