전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFURF3360-PF 데이터시트(PDF) 4 Page - LIGITEK electronics co., ltd.

부품명 LFURF3360-PF
상세설명  FLASH ROUND TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFURF3360-PF 데이터시트(HTML) 4 Page - LIGITEK electronics co., ltd.

  LFURF3360-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFURF3360-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFURF3360-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFURF3360-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFURF3360-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFURF3360-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.9
Wavelength (nm)
1.0
0
550
0.5
650
600
700
Fig.5 Relative Intensity vs. Wavelength
-40
0.8
Ambient Temperature(
)
40
-0
-20
20
80
60
100
Ambient Temperature(
)
-0
-40
-20
0
0.5
60
20
40
100
80
2.5
100
Fig.3 Forward Voltage vs. Temperature
1.0
1.1
1.2
1.0
0.1
10
1.0
Forward Voltage(V)
1.5
2.0
2.5
3.0
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
0.5
Forward Current(mA)
1.0
0
10
100
1.5
1.0
2.0
1000
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
1000
URF CHIP
Fig.2 Relative Intensity vs. Forward Current
3.5
3.0
Page 3/5
PART NO. LFURF3360-PF


유사한 부품 번호 - LFURF3360-PF

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
LFU-1 FESTO-LFU-1 Datasheet
66Kb / 1P
   Filter muffler
3/10/22
LFU-1/2 FESTO-LFU-1/2 Datasheet
67Kb / 1P
   Filter muffler
3/10/22
LFU-1/4 FESTO-LFU-1/4 Datasheet
75Kb / 1P
   Filter muffler
3/10/22
logo
PAIRUI GROUP INC.
LFU-100C PAIRUI-LFU-100C Datasheet
481Kb / 9P
   Constant Current LED Power Supplies
LFU-100V PAIRUI-LFU-100V Datasheet
481Kb / 9P
   Constant Voltage LED Power Supplies
More results

유사한 설명 - LFURF3360-PF

제조업체부품명데이터시트상세설명
logo
LIGITEK electronics co....
LFHRF3363-PF LIGITEK-LFHRF3363-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFI3360-PF LIGITEK-LFI3360-PF Datasheet
75Kb / 3P
   FLASH ROUND TYPE LED LAMPS
LFH2060 LIGITEK-LFH2060 Datasheet
59Kb / 1P
   FLASH ROUND TYPE LED LAMPS
LFH3360-PF LIGITEK-LFH3360-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFG2060 LIGITEK-LFG2060 Datasheet
59Kb / 1P
   FLASH ROUND TYPE LED LAMPS
LFI3660-PF LIGITEK-LFI3660-PF Datasheet
66Kb / 2P
   FLASH ROUND TYPE LED LAMPS
LFDGM2063-1.5HZ LIGITEK-LFDGM2063-1.5HZ Datasheet
158Kb / 6P
   FLASH ROUND TYPE LED LAMPS
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com