전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT46R003B 데이터시트(PDF) 7 Page - Holtek Semiconductor Inc

부품명 HT46R003B
상세설명  Cost-Effective A/D 8-bit OTP MCU
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R003B 데이터시트(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT46R003B Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R003B Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
Rev. 1.00
6
��ne 1�� �01�
Rev. 1.00
7
��ne 1�� �01�
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
HT46R003B
Cost-Effective A/D 8-bit OTP MCU
Pin Description
Pin Name Function
OPT
I/T
O/T
Description
PA0/AN0
PA0
PAPU
PAWU
ST CMOS General p�rpose I/O. Register enabled p�ll-�p and wake-�p.
AN0
ADPCR
AN
Analog inp�t channel 0
PA1/AN1
PA1
PAPU
PAWU
ST CMOS General p�rpose I/O. Register enabled p�ll-�p and wake-�p.
AN1
ADPCR
AN
Analog inp�t channel 1
PA�/AN�
PA�
PAPU
PAWU
ST CMOS General p�rpose I/O. Register enabled p�ll-�p and wake-�p.
AN�
ADPCR
AN
Analog inp�t channel �
PA3/AN3
PA3
PAPU
PAWU
ST CMOS General p�rpose I/O. Register enabled p�ll-�p and wake-�p.
AN3
ADPCR
AN
Analog inp�t channel 3
PA�/PWM
PA�
PAPU
PAWU
ST CMOS General p�rpose I/O. Register enabled p�ll-�p and wake-�p.
PWM
CTRL0
— CMOS PWM o�tp�t
PA5/AN�
PA5
PAPU
PAWU
ST CMOS General p�rpose I/O. Register enabled p�ll-�p and wake-�p.
AN�
ADPCR
AN
Analog inp�t channel �
PA6/INT
PA6
PAPU
PAWU
ST CMOS General p�rpose I/O. Register enabled p�ll-�p and wake-�p.
INT
INTC0
CTRL1
ST
External interr�pt inp�t
PA7/RES
PA7
PAWU
EXTRESB ST NMOS General p�rpose I/O. Register enabled wake-�p.
RES
EXTRESB ST
Reset inp�t
PB0~PB3
PB0~PB3
PBPU
ST CMOS General p�rpose I/O. Register enabled p�ll-�p.
PB�/TMR
PB�
PBPU
ST CMOS General p�rpose I/O. Register enabled p�ll-�p.
TMR
TMRC
ST
Timer/Event co�nter inp�t
PB5/PFD
PB5
PBPU
ST CMOS General p�rpose I/O. Register enabled p�ll-�p.
PFD
CTRL0
— CMOS PFD o�tp�t
VDD
VDD
PWR
Power s�pply
VSS
VSS
PWR
Gro�nd
Note:I/T:Inputtype;
O/T:Outputtype;
OPT:Optionalbyregisteroption;
PWR:Power;
AN:Analogsignal;
ST:SchmittTriggerinput;
CMOS:CMOSoutput;
NMOS:NMOSoutput


유사한 부품 번호 - HT46R003B

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT46R003 HOLTEK-HT46R003 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

유사한 설명 - HT46R003B

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com