전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT46R004 데이터시트(PDF) 78 Page - Holtek Semiconductor Inc

부품명 HT46R004
상세설명  Cost-Effective A/D 8-Bit OTP MCU
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R004 데이터시트(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT46R004 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
Rev. 1.30
78
�an�a�� ��� �01�
Rev. 1.30
7�
�an�a�� ��� �01�
HT46R004
Cost-Effective A/D 8-Bit OTP MCU
See Fig2
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.735
0.775
B
0.�40
0.�80
C
0.115
0.1�5
D
0.115
0.150
E
0.014
0.0��
F
0.045
0.070
G
0.100
H
0.300
0.3�5
I
0.430
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
18.�7
1�.��
B
�.10
7.11
C
�.��
4.�5
D
�.��
3.81
E
0.3�
0.5�
F
1.14
1.78
G
�.54
H
7.��
8.��
I
10.��
See Fig2
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.745
0.785
B
0.�75
0.��5
C
0.1�0
0.150
D
0.110
0.150
E
0.014
0.0��
F
0.045
0.0�0
G
0.100
H
0.300
0.3�5
I
0.430
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
18.��
1�.�4
B
�.��
7.4�
C
3.05
3.81
D
�.7�
3.81
E
0.3�
0.5�
F
1.14
1.5�
G
�.54
H
7.��
8.��
I
10.��


유사한 부품 번호 - HT46R004

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

유사한 설명 - HT46R004

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com