전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT46R068B 데이터시트(PDF) 73 Page - Holtek Semiconductor Inc

부품명 HT46R068B
상세설명  Enhanced A/D 8-Bit OTP MCU
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R068B 데이터시트(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT46R068B_15 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 135 page
background image
Rev. 1.50
7�
�e���a�� 05� �015
Rev. 1.50
73
�e���a�� 05� �015
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
Controllingthepoweron/offfunctionoftheA/Dconvertercircuitryisimplementedusingthevalue
oftheADONBbit.
AlthoughtheA/DclocksourceisdeterminedbythesystemclockfSYS,andbybitsADCS2,
ADCS1andADCS0,therearesomelimitationsonthemaximumA/Dclocksourcespeedthatcan
beselected.AstheminimumvalueofpermissibleA/Dclockperiod,tAD,is0.5μs,caremustbe
takenforsystemclockspeedsinexcessof4MHz.Forsystemclockspeedsinexcessof4MHz,the
ADCS2,ADCS1andADCS0bitsshouldnotbesetto"000".DoingsowillgiveA/Dclockperiods
thatarelessthantheminimumA/DclockperiodwhichmayresultininaccurateA/Dconversion
values.Refertothefollowingtableforexamples,wherevaluesmarkedwithanasterisk*show
where,dependinguponthedevice,specialcaremustbetaken,asthevaluesmaybelessthanthe
specifiedminimumA/DClockPeriod.
fSYS
A/D Clock Period (tAD)
ADCS2,
ADCS1,
ADCS0=000
(fSYS/2)
ADCS2,
ADCS1,
ADCS0=001
(fSYS/8)
ADCS2,
ADCS1,
ADCS0=010
(fSYS/32)
ADCS2,
ADCS1,
ADCS0=100
(fSYS)
ADCS2,
ADCS1,
ADCS0=101
(fSYS/4)
ADCS2,
ADCS1,
ADCS0=110
(fSYS/16)
ADCS2,
ADCS1,
ADCS0=011,
111
1MHz
μs
8
μs
3�
μs
1
μs
4
μs
16
μs
Undefined
�MHz
1
μs
4
μs
16
μs
500ns
μs
8
μs
Undefined
4MHz
500ns
μs
8
μs
250ns*
1
μs
4
μs
Undefined
8MHz
250ns*
1
μs
4
μs
125ns*
500ns
μs
Undefined
1�MHz
167ns*
667ns
�.67
μs
83ns*
333ns*
1
μs
Undefined
A/D Clock Period Examples
A/D Input Pins
AlloftheA/Danaloginputpinsarepin-sharedwiththeI/OpinsonPortA,PortCandPortE.Bits
PCR15~PCR0intheANCSR0andANCSR1registers,determinewhethertheinputpinsaresetup
asnormalinput/outputpinsorwhethertheyaresetupasanaloginputs.Inthisway,pinscanbe
changedunderprogramcontroltochangetheirfunctionfromnormalI/Ooperationtoanaloginputs
andviceversa.Pull-highresistors,whicharesetupthroughregisterprogramming,applytotheinput
pinsonlywhentheyareusedasnormalI/Opins,ifsetupasA/Dinputsthepull-highresistorswill
beautomaticallydisconnected.NotethatitisnotnecessarytofirstsetuptheA/Dpinasaninputin
thePAC,PCCandPECportcontrolregisterstoenabletheA/DinputaswhenthePCR15~PCR0
bitsenableanA/Dinput,thestatusoftheportcontrolregisterwillbeoverridden.
Summary of A/D Conversion Steps
ThefollowingsummarisestheindividualstepsthatshouldbeexecutedinordertoimplementanA/
Dconversionprocess.
• Step1
SelecttherequiredA/DconversionclockbycorrectlyprogrammingbitsADCS2,ADCS1and
ADCS0intheregister.
• Step2
SelectwhichpinsaretobeusedasA/DinputsandconfigurethemasA/Dinputpinsbycorrectly
programmingthePCR15~PCR0bitsintheANCSR0,ANCSR1registers.
• Step3
EnabletheA/DbyclearingtheADONBintheACSRregistertozero.


유사한 부품 번호 - HT46R068B_15

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
More results

유사한 설명 - HT46R068B_15

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com