전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT46R068B 데이터시트(PDF) 42 Page - Holtek Semiconductor Inc

부품명 HT46R068B
상세설명  Enhanced A/D 8-Bit OTP MCU
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R068B 데이터시트(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT46R068B_15 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 135 page
background image
Rev. 1.50
4�
�e���a�� 05� �015
Rev. 1.50
43
�e���a�� 05� �015
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
Reset Functions
Therearefivewaysinwhichamicrocontrollerresetcanoccur,througheventsoccurringboth
internallyandexternally:
• Power-onReset
Themostfundamentalandunavoidableresetistheonethatoccursafterpowerisfirstappliedto
themicrocontroller.AswellasensuringthattheProgramMemorybeginsexecutionfromthefirst
memoryaddress,apower-onresetalsoensuresthatcertainotherregistersarepresettoknown
conditions.AlltheI/Oportandportcontrolregisterswillpowerupinahighconditionensuring
thatallpinswillbefirstsettoinputs.
AlthoughthemicrocontrollerhasaninternalRCresetfunction,iftheVDDpowersupplyrisetime
isnotfastenoughordoesnotstabilisequicklyatpower-on,theinternalresetfunctionmaybe
incapableofprovidingproperresetoperation.Forthisreasonitisrecommendedthatanexternal
RCnetworkisconnectedtotheRESpin,whoseadditionaltimedelaywillensurethattheRESpin
remainslowforanextendedperiodtoallowthepowersupplytostabilise.Duringthistimedelay,
normaloperationofthemicrocontrollerwillbeinhibited.AftertheRESlinereachesacertain
voltagevalue,theresetdelaytimetRSTDisinvokedtoprovideanextradelaytimeafterwhich
themicrocontrollerwillbeginnormaloperation.TheabbreviationSSTinthefiguresstandsfor
SystemStart-upTimer.
RE S
VD D
In te r nal R es et
0. 9 V DD
t RS TD + t SST
t RS TD + t SST
Power-On Reset Timing Chart
Note:tRSTDispower-ondelay,typicaltime=100ms
FormostapplicationsaresistorconnectedbetweenVDDandtheRESpinandacapacitorconnected
betweenVSSandtheRESpinwillprovideasuitableexternalresetcircuit.Anywiringconnectedto
theRESpinshouldbekeptasshortaspossibletominimiseanystraynoiseinterference.
ForapplicationsthatoperatewithinanenvironmentwheremorenoiseispresenttheEnhanced
ResetCircuitshownisrecommended.
RE S/ PA 7
0. 1~ 1 m F
10k W ~
100k W
VD D
VS S
0. 01 m F* *
V DD
1N 4148*
300 W *
External RES Circuit
Note:"*"ItisrecommendedthatthiscomponentisaddedESDprotection.
"**"Itisrecommendedthatthiscomponentisaddedinenvironmentswherepowerlinenoise
issignificant.


유사한 부품 번호 - HT46R068B_15

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
More results

유사한 설명 - HT46R068B_15

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com