전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT48R52A 데이터시트(PDF) 26 Page - Holtek Semiconductor Inc

부품명 HT48R52A
상세설명  44-pin QFP / LQFP
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R52A 데이터시트(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT48R52A_14 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R52A_14 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R52A_14 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R52A_14 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R52A_14 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48R52A_14 Datasheet HTML 27Page - Holtek Semiconductor Inc HT48R52A_14 Datasheet HTML 28Page - Holtek Semiconductor Inc HT48R52A_14 Datasheet HTML 29Page - Holtek Semiconductor Inc HT48R52A_14 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
HT48R52A
Rev. 1.70
26
2014-04-03
DAA
[m]
Decimal-Adjust accumulator for addition
说明:
将累加器中的内容转换为
BCD(二进制转成十进制)码。如果低四位的值大于“9”或
AC=1,那么 BCD 调整就执行对原值加“6”,否则原值保持不变;如果高四位的值大于
9”或 C=1,那么 BCD 调整就执行对原值加“6”。BCD 转换实质上是根据累加器和
标志位执行
00H,06H,60H 或 66H 的加法运算,结果存放到数据存储器。只有进位标
志位
C 受影响,用来指示原始 BCD 的和是否大于 100,并可以进行双精度十进制数的
加法运算。
操作:
[m] ACC+00H 或 [m] ACC+06H
[m] ACC+60H 或 [m] ACC+66H
影响标志位:
C
DEC
[m]
Decrement data memory
说明:
将指定数据存储器的内容减
1。
运算过程:
[m]  [m]-1
影响标志位:
Z
DECA
[m]
Decrement data memory and place result in the accumulator
说明:
将指定数据存储器的内容减
1,把结果存放回累加器并保持指定数据存储器的内容不变。
运算过程:
ACC  [m]-1
影响标志位:
Z
HALT
Enter power down mode
说明:
此指令终止程序执行并关掉系统时钟,
RAM 和寄存器的内容保持原状态,WDT 计数器
和分频器被清“
0”,暂停标志位 PDF 被置位 1,WDT 溢出标志位 TO 被清 0。
运算过程:
PDF  1
TO  0
影响标志位:
TO、PDF
INC
[m]
Increment data memory
说明:
将指定数据存储器的内容加
1。
运算过程:
[m]  [m]+1
影响标志位:
Z
INCA
[m]
Increment data memory and place result in the accumulator
说明:
将指定数据存储器的内容加
1,结果存放回累加器并保持指定的数据存储器内容不变。
运算过程:
ACC  [m]+1
影响标志位:
Z
JMP addr
Directly jump
说明:
程序计数器的内容无条件地由被指定的地址取代,程序由新的地址继续执行。当新的地
址被加载时,必须插入一个空指令周期,所以此指令为
2 个周期的指令。
运算过程:
PC  addr
影响标志位:
MOV
A, [m]
Move data memory to the accumulator
说明:
将指定数据存储器的内容复制到累加器。


유사한 부품 번호 - HT48R52A_14

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT48R52A HOLTEK-HT48R52A_10 Datasheet
252Kb / 35P
   I/O Type 8-Bit OTP MCU with 1616 High Current LED Driver
More results

유사한 설명 - HT48R52A_14

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT48R54A HOLTEK-HT48R54A_14 Datasheet
509Kb / 42P
   44-pin QFP/LQFP
logo
List of Unclassifed Man...
PA44QF03-44QF ETC2-PA44QF03-44QF Datasheet
37Kb / 1P
   44 pin QFP socket/44 pin QFP plug
logo
Aries Electronics, Inc.
44-305263-20-P ARIES-44-305263-20-P Datasheet
472Kb / 1P
   44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
18081 ARIES-18081 Datasheet
572Kb / 1P
   44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
logo
List of Unclassifed Man...
PA40-44-P64-DZ-QF ETC2-PA40-44-P64-DZ-QF Datasheet
78Kb / 1P
   40 pin DIP socket/44 pin QFP plug
PA40DZ-44QF-34 ETC2-PA40DZ-44QF-34 Datasheet
42Kb / 1P
   40 pin DIP socket/44 pin QFP plug
MACH210 ETC-MACH210 Datasheet
190Kb / 1P
   44 pin QFP socket/28 pin DIP 0.6??plug
logo
Holtek Semiconductor In...
HT46RU67 HOLTEK-HT46RU67_14 Datasheet
2Mb / 68P
   100-pin LQFP
logo
Ironwood Electronics.
CA-QFE44SH-L-Z-T-01 IRONWOOD-CA-QFE44SH-L-Z-T-01 Datasheet
26Kb / 1P
   Carrier Adaptor (CA), QFP 44 position QFP ZIF socket with test points to 44 position QFP surface mount foot (leadless).
logo
Holtek Semiconductor In...
HT46R64 HOLTEK-HT46R64_14 Datasheet
1Mb / 51P
   52/100-pin LQFP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com