전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT48R068B 데이터시트(PDF) 14 Page - Holtek Semiconductor Inc

부품명 HT48R068B
상세설명  Enhanced I/O 8-Bit OTP MCU
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R068B 데이터시트(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT48R068B_15 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 118 page
background image
Rev. 1.30
14
�e���a�� 0�� �01�
Rev. 1.30
1�
�e���a�� 0�� �01�
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
DAC Electrical Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDAC
DAC ope�ating voltage
�.4
V
IQ
DAC q�iescent c���ent
�V Code= 0000H
VOL=00H
3
mA
IDAC
DAC ope�ating c���ent
�V 1 kHz sin wave� f�ll-scale
( 8K sample �ate )
3
4.�
mA
RES
Resol�tion
1�
�it
VO
O�tp�t Voltage Level
0.01
0.99
VDD
Power-on Reset Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Sta�t Voltage to Ens��e
Powe�-on Reset
100
mV
RRVDD
VDD Raising Rate to Ens��e
Powe�-on Reset
0.03�
V/ms
tPOR
Minim�m Time fo� VDD to �emain
at VPOR to ens��e Powe�-on
Reset
1
ms
Ti me
V DD
V PO R
RR VD D
t PO R


유사한 부품 번호 - HT48R068B_15

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
More results

유사한 설명 - HT48R068B_15

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com