전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT56R66 데이터시트(PDF) 15 Page - Holtek Semiconductor Inc

부품명 HT56R66
상세설명  TinyPower A/D Type with LCD 8-Bit OTP MCU
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R66 데이터시트(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT56R66_14 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 18Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 123 page
background image
HT56R66/HT56R666
Rev.1.50
15
2014-04-04
交流电气特性
Ta=25℃
符号
参数
测试条件
最小
典型
最大
单位
VDD
条件
fSYS
系统时钟
(Crystal OSC,RC OSC)
2.2V~5.5V
32
4000
kHz
3.0V~5.5V
32
8000
kHz
4.5V~5.5V
32
12000
kHz
fRTCOS
C
RTC 频率
32768
Hz
fTIMER
定时器输入频率
(TMR0/TMR1)
2.2V~5.5V
0
4000
kHz
3.3V~5.5V
0
8000
kHz
4.5V~5.5V
0
12000
kHz
fRC32k
32K RC 振荡频率
2.2.V~5.5V,校正后
28.8
32.0
35.2
kHz
tRES
外部复位低电平脉宽
1
μs
tLVR
低压复位时间
0.1
0.4
0.6
ms
tSST1
系统启动时间
上电
1024
tSYS*
tSST2
XTAL/RTC 系统启动时间
从暂停模式中唤醒
1024
tSYS*
tSST3
外部 RC/外部时钟系统启动时
从暂停模式中唤醒
1
2
tSYS*
tINT
中断脉冲宽度
1
μs
注:*t
SYS=1/ fSYS1 1/ fSYS2


유사한 부품 번호 - HT56R66_14

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results

유사한 설명 - HT56R66_14

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66 Datasheet
801Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62 Datasheet
720Kb / 108P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64 Datasheet
723Kb / 90P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_14 Datasheet
4Mb / 129P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com