전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT56R66 데이터시트(PDF) 37 Page - Holtek Semiconductor Inc

부품명 HT56R66
상세설명  TinyPower A/D Type with LCD 8-Bit OTP MCU
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R66 데이터시트(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT56R66_14 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 39Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 40Page - Holtek Semiconductor Inc HT56R66_14 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 123 page
background image
HT56R66/HT56R666
Rev.1.50
37
2014-04-04
的个数,也称为底板或 COMs。占空比由 2 个控制位选择,有 1/2、1/3 或 1/4 可选,表示 COM 的
数目为 2、3 或 4 ,因此该值定义了每个 LCD 信号帧内的时间片数。单片机提供两种类型的信号
即 A 型和 B 型,通过寄存器 LCDCTRL 中的 TYPE 位加以选择。B 型信号提供较低的频率,然而,
较低的频率可能引起闪烁,从而影响显示的清晰度。
LCD 控制寄存器-LCDCTRL-HT56R66
LCD 控制寄存器-LCDCTRL-HT56R666


유사한 부품 번호 - HT56R66_14

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results

유사한 설명 - HT56R66_14

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66 Datasheet
801Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62 Datasheet
720Kb / 108P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64 Datasheet
723Kb / 90P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_14 Datasheet
4Mb / 129P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com