전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT56RB688 데이터시트(PDF) 86 Page - Holtek Semiconductor Inc

부품명 HT56RB688
상세설명  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 데이터시트(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 164 page
background image
Peripheral Clock Output
The Peripheral Clock Output allows the device to supply external hardware with a clock signal
synchronised to the microcontroller clock.
Peripheral Clock Operation
As the peripheral clock output pin, PCLK, is shared with an I/O line, the required pin function is
chosen via PCKEN in the SIM0CTL0 register. The Peripheral Clock function is controlled using the
SIM0CTL0 register. The clock source for the Peripheral Clock Output can originate from either the
Timer/Event Counter 0 overflow signal divided by two or a divided ratio of the internal fSYS clock.
The PCKEN bit in the SIM0CTL0 register is the overall on/off control, setting the bit high enables the
Peripheral Clock, clearing it disables it. The required division ratio of the system clock is selected
using the PCKPSC0 and PCKPSC1 bits in the same register. If the system enters the Sleep Mode, the
Peripheral Clock output will be disabled.
Rev. 1.10
86
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
f S Y S
T i m e r / E v e n t C o u n t e r 0
o v e r f l o w s i g n a l ¸ 2
P C L K
o r I / O
S e l e c t
P C L K
o r
I / O
¸ 1 , 4 , 8
P C K E N
P C K P S C 0
P C K P S C 1
S l e e p M o d e
Peripheral Clock Block Diagram


유사한 부품 번호 - HT56RB688_13

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
More results

유사한 설명 - HT56RB688_13

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
HT56RB27 HOLTEK-HT56RB27 Datasheet
938Kb / 153P
   TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT45R4U HOLTEK-HT45R4U Datasheet
4Mb / 105P
   TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com