전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT82A525R 데이터시트(PDF) 39 Page - Holtek Semiconductor Inc

부품명 HT82A525R
상세설명  I/O Type USB 8-Bit OTP MCU with SPI
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82A525R 데이터시트(HTML) 39 Page - Holtek Semiconductor Inc

Back Button HT82A525R_16 Datasheet HTML 35Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 36Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 37Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 38Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 39Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 40Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 41Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 42Page - Holtek Semiconductor Inc HT82A525R_16 Datasheet HTML 43Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
If VSYNC is enabled, it can be used to synchronize the Parallel DMA data D0~D7. There are two
types of VSYNC control signal. The following diagram illustrates the Parallel DMA interface control
signals.
Symbol
Parameter
Min.
Max.
Unit
PCLK frequency
¾
4
MHz
PCLK duty cycle
45
55
%
T1
Data setup time to PCLK
5
¾
ns
T2
Data hold time to PCLK
7
¾
ns
T3
HSYNC
­ to PCLK delay
5
¾
ns
T4
Horizontal blank time (Thblank)
24
¾
TPCLK
T5
VSYNC(Tpye1) high pulse time
200
¾
ns
T6
VSYNC(Tpye1)
¯ to HSYNC delay time
500
¾
ns
T7
VSYNC(Tpye2)
­ to HSYNC delay time
700
¾
ns
Parallel DMA Data Timing Description
Rev. 1.80
39
March 11, 2016
HT82A525R
I/O Type USB 8-Bit OTP MCU with SPI
H S Y N C
P C L K
P C L K E = 1 ( o p t i o n )
P C L K
P C L K E = 0 ( o p t i o n )
D 7 ~ D 0
T 3
T 2
T 1
T 4
V S Y N C
( T y p e 1 )
T 5
T 7
T 6
V S Y N C
( T y p e 2 )
D 7 ~ D 0
H S Y N C


유사한 부품 번호 - HT82A525R_16

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results

유사한 설명 - HT82A525R_16

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
   I/O Type 8-Bit OTP MCU
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com