전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT86A36 데이터시트(PDF) 48 Page - Holtek Semiconductor Inc

부품명 HT86A36
상세설명  A/D Type Voice 8-Bit MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86A36 데이터시트(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT86A36_12 Datasheet HTML 44Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 45Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 46Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 47Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 48Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 49Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 50Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 51Page - Holtek Semiconductor Inc HT86A36_12 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
HT86Axx/HT86ARxx
Rev. 1.10
48
December 12, 2012
S B C R R e g i s t e r
b 7
b 0
C K S
M 1
M 0
S B E N M L S C S E N W C O L T R F
T r a n s m i t t / R e c e i v e F l a g
0 : N o t c o m p l e t e
1 : T r a n s m i s s i o n / r e c e p t i o n c o m p l e t e
W r i t e C o l l i s i o n B i t
0 : C o l l i s i o n f r e e
1 : C o l l i s i o n d e t e c t e d
S e l e c t i o n S i g n a l E n a b l e / D i s a b l e B i t
0 : S C S f l o a t i n g
1 : E n a b l e
M S B / L S B F i r s t B i t
0 : L S B s h i f t f i r s t
1 : M S B s h i f t f i r s t
S e r i a l B u s E n a b l e / D i s a b l e B i t
0 : D i s a b l e
1 : E n a b l e
D e p e n d e n t u p o n C S E N b i t
M a s t e r / S l a v e / B a u d R a t e B i t s
M a s t e r , b a u d r a t e : f S I O
M a s t e r , b a u d r a t e : f S I O / 4
M a s t e r , b a u d r a t e : f S I O / 1 6
S l a v e m o d e
M 1
0
0
1
1
M 0
0
1
0
1
C l o c k S o u r c e S e l e c t B i t
0 : f S I O = f S Y S / 4
1 : f S I O = f S Y S
SPI Interface Control Register
S C K
S C S
S D I
S D O
D 1 / D 6
D 7 / D 0 D 6 / D 1 D 5 / D 2 D 4 / D 3 D 3 / D 4 D 2 / D 5 D 1 / D 6 D 0 / D 7
D 7 / D 0 D 6 / D 1 D 5 / D 2 D 4 / D 3 D 3 / D 4 D 2 / D 5
D 0 / D 7
S B E N = C S E N = 1 a n d w r i t e d a t a t o S B D R
S B E N = 1 , C S E N = 0 a n d w r i t e d a t a t o S B D R ( i f p u l l - h i g h e d )
S C K
SPI Bus Timing
SPI Registers
There are two registers associated with the SPI Inter-
face. These are the SBCR register which is the control
register and the SBDR which is the data register. The
SBCR register is used to setup the required setup pa-
rameters for the SPI bus and also used to store associ-
ated operating flags, while the SBDR register is used for
data storage.
After Power on, the contents of the SBDR register will be
in an unknown condition while the SBCR register will de-
fault to the condition below:
CKS M1 M0 SBEN MLS CSEN WCOL TRF
0
1
1
00000
Note that data written to the SBDR register will only be
written to the TXRX buffer, whereas data read from the
SBDR register will actual be read from the register.
SPI Bus Enable/Disable
To enable the SPI bus and CSEN=1, the SCK, SDI,
SDO and SCS lines should all be zero, then wait for data
to be written to the SBDR (TXRX bufffer) register. For
the Master Mode, after data has been written to the
SBDR (TXRX buffer) register then transmission or re-
ception will start automatically. When all the data has
been transferred the TRF bit should be set. For the
Slave Mode, when clock pulses are received on SCK,
data in the TXRX buffer will be shifted out or data on SDI
will be shifted in.
To Disable the SPI bus SCK, SDI, SDO, SCS floating.
SPI Operation
All communication is carried out using the 4-line inter-
face for both Master or Slave Mode. The timing diagram
shows the basic operation of the bus.


유사한 부품 번호 - HT86A36_12

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT86A36 HOLTEK-HT86A36 Datasheet
427Kb / 68P
   A/D Type Voice 8-Bit MCU
More results

유사한 설명 - HT86A36_12

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT86A36 HOLTEK-HT86A36 Datasheet
427Kb / 68P
   A/D Type Voice 8-Bit MCU
HT86AXX HOLTEK-HT86AXX Datasheet
428Kb / 68P
   A/D Type Voice 8-Bit MCU
HT46R232 HOLTEK-HT46R232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
   A/D Type 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
   8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
   A/D Type 8-Bit MCU
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
   A/D Type 8-Bit MCU
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com