전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT98R068-1 데이터시트(PDF) 46 Page - Holtek Semiconductor Inc

부품명 HT98R068-1
상세설명  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 데이터시트(HTML) 46 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 42Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 43Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 44Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 45Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 46Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 47Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 48Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 49Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 50Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 116 page
background image
Rev. 1.10
46
�e���a�� 1�� �01�
Rev. 1.10
47
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
I/O Pin Structures
The diagrams illustrate the I/O pin internal structures. As the exact logical construction of the I/O
pin may differ from these drawings, they are supplied as a guide only to assist with the functional
understanding of the I/O pins.
V DD
M
U
X
Wa ke - up Se le ct
S yst em W ak e- up
R ead Da ta R egi st er
D
Q
CK
S
D
Q
CK
S
Co nt ro l Bi t
Da ta B us
Wr it e C ont ro l Re gi st er
Ch ip R es et
Re ad C on tr ol R eg is te r
Wr it e Da ta R egi st er
Da ta B it
I/O p in
Q
Q
PA on ly
We ak
Pu ll- up
Pu ll -H ig h
Se le ct
PAW K7
M
U
X
Re ad D at a R egi st er
Co nt ro l Bi t
Da ta B us
Wr it e C ont ro l R egi st er
Ch ip R es et
Re ad C on tr ol R egi st er
Wr it e Da ta R eg is te r
Da ta B it
D
Q
CK
S
Q
D
Q
CK
S
Q
PA7 /R ES
Sy st em W ak e- up ( PA 7)
R ES fo r PA7 o nl y
Programming Considerations
Within the user program, one of the first things to consider is port initialization. After a reset, the
I/O data register and I/O port control register will be set high. This means that all I/O pins will
default to an input state, the level of which depends on the other connected circuitry and whether
pull-high options have been selected. If the port control registers, are then programmed to setup
some pins as outputs, these output pins will have an initial high output value unless the associated
port data register is first programmed. Selecting which pins are inputs and which are outputs can be
achieved byte-wide by loading the correct value into the port control register or by programming
individual bits in the port control register using the “SET [m].i” and “CLR [m].i” instructions.
Note that when using these bit control instructions, a read-modify-write operation takes place. The
microcontroller must first read in the data on the entire port, modify it to the required new bit values
and then rewrite this data back to the output ports.


유사한 부품 번호 - HT98R068-1_13

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

유사한 설명 - HT98R068-1_13

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com