전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT98R068-1 데이터시트(PDF) 96 Page - Holtek Semiconductor Inc

부품명 HT98R068-1
상세설명  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 데이터시트(HTML) 96 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 92Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 93Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 94Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 95Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 96Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 97Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 98Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 99Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 100Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
Rev. 1.10
96
�e���a�� 1�� �01�
Rev. 1.10
97
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
● User Audio Tone_2/2 - 04DAh Address
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Use�-Tone ��eq. – pa�amete��
Bit15~0
User Tone Generator frequency parameter2.
Refer to the application notes for detailed register setting.
Default:1kHz.
Note: If it is necessary to define the user-tone frequency by itself, registers 04d9 and 04da must be
used at the same time.
● CTCSS Power Threshold - 04DBh Address
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CTCSS Powe� Th�eshold
Bit15~0
CTCSS Power Threshold.
This register is to set the minimum CTCSS signal level that is to be detected. The default value is
0xFF2B (28mV-peak@3.3V).
When the received signal larger than threshold voltage, bit 3 in the I/O command register address
23 will be set to 1. Otherwise the bit will be cleared to 0.
Refer to the application notes for detailed register setting.
● User DCS Codes_1/2 - 04DCh Address
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Use� DCS Codes[15:0]
Bit15~0
User DCS parameter[15:0]: User define DCS parameter bit15~bit0
Refer to the application notes for detailed register setting.
● User DCS Codes_2/2 - 04DDh Address
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
0
Use� DCS pa�amete�[��:16]
Bit15~7
0: Zero, must be cleared to zero.
Bit6~0
User DCS parameter[22:16]: User defined DCS parameter bit22-bit16.
Refer to the application notes for detailed register setting.
Note: If it is necessary to define the DCS tone by itself, registers 04dc and 04dd must be used at
the same time. if 4dc and 4de the bits set 1, output is 0, if the bits set 0, output is 1.
● Sub-audio Drop Time - 04DEh Address
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
D�op Time Imm�nit�
Bit15~0
Drop Time Immunity: DCS/CTCSS drop out time.
The drop out time is the maximum allowed DCS/CTCSS detection loss duration after the Tx/Rx is
connected.
The drop out time = Drop Time Immunity/4. The setting range is from 0 to 32767.
Default = b’0000 0100 1011 0000 (300ms).


유사한 부품 번호 - HT98R068-1_13

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

유사한 설명 - HT98R068-1_13

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com