전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT56R22 데이터시트(PDF) 14 Page - Holtek Semiconductor Inc

부품명 HT56R22
상세설명  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R22 데이터시트(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT56R22_14 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 127 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
ISTB3
Standby Current ( Idle)
(fSYS=on, fSYS=fM=4MHz, fWDT=off,
fS (note 2)=fSUB=LXT or LIRC
3V
No load, system HALT,
WDT off, SPI or I
2C on,
PCLK on, PCLK=fSYS/8
¾
150
250
mA
5V
¾
350
550
mA
VIL1
Input Low Voltage for I/O Ports,
TC0/1/2/3 and INT0/1
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TC0/1/2/3 and INT0/1
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾ Configuration option: 2.1V
1.98
2.1
2.22
V
¾ Configuration option: 3.15V
2.98
3.15
3.32
V
¾ Configuration option: 4.2V
3.98
4.2
4.42
V
VLVD
Low Voltage Detector Voltage
¾ Configuration option: 2.2V
2.08
2.2
2.32
V
¾ Configuration option: 3.3V
3.12
3.3
3.50
V
¾ Configuration option: 4.4V
4.12
4.4
4.70
V
IOL1
I/O Port Sink Current
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
RPH
Pull-high Resistance for I/O
Ports
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
ISCOM
SCOM Operating Current
5V
SCOMC, ISEL=0
17.5
25.0
32.5
mA
SCOMC, ISEL=1
35
50
65
mA
VSCOM
VDD/2 Voltage for LCD COM
5V
No load
0.475
0.500
0.525
VDD
Note:
1. LXT is in slow start mode (RTCC.4=QOSC=1) for the D.C. current measurement.
2. fS is the internal clock for the Buzzer, RTC Interrupt, Time Base Interrupt and the WDT.
3. Both Timer/Event Counters are off. Timer filter is disabled for all test conditions.
4. All peripherals are in OFF condition if not mentioned at IDD,ISTB tests.
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.30
14
December 26, 2014
Ta=25
°C


유사한 부품 번호 - HT56R22_14

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

유사한 설명 - HT56R22_14

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com