전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT56R22 데이터시트(PDF) 29 Page - Holtek Semiconductor Inc

부품명 HT56R22
상세설명  TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R22 데이터시트(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT56R22_14 Datasheet HTML 25Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 26Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 27Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56R22_14 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 127 page
background image
HT56R22/HT56R23/HT56R24/HT56R25/HT56R26
Rev. 1.30
29
December 26, 2014
External RC Oscillator
- ERC
Using the ERC oscillator only requires that a resistor,
with a value between 47k
W and 1.5MW, is connected
between OSC1 and VDD, and a capacitor is connected
between OSC and ground, providing a low cost oscilla-
tor configuration. It is only the external resistor that de-
termines the oscillation frequency; the external
capacitor has no influence over the frequency and is
connected for stability purposes only. Device trimming
during the manufacturing process and the inclusion of
internal frequency compensation circuits are used to en-
sure that the influence of the power supply voltage, tem-
perature and process variations on the oscillation
frequency are minimised. As a resistance/frequency ref-
erence point, it can be noted that with an external 150k
W
resistor connected and with a 5V voltage power supply
and temperature of 25 degrees, the oscillator will have a
frequency of 4MHz within a tolerance of 2%. Here only
the OSC1 pin is used, which is shared with I/O pin PC0,
leaving pin PC1 free for use as a normal I/O pin.
For oscillator stability and to minimise the effects of
noise and crosstalk, it is important to locate the capaci-
tor and resistoras close to the MCU as possible.
Internal RC Oscillator
- HIRC
The internal RC oscillator is a fully integrated system os-
cillator requiring no external components. The internal
RC oscillator has three fixed frequencies of either
4MHz, 8MHz or 12MHz. Device trimming during the
manufacturing process and the inclusion of internal fre-
quency compensation circuits are used to ensure that
the influence of the power supply voltage, temperature
and process variations on the oscillation frequency are
minimised. As a result, at a power supply of either 3V or
5V and at a temperature of 25 degrees, the fixed oscilla-
tion frequency of 4MHz, 8MHz or 12MHz will have a tol-
erance within 2%. Note that if this internal system clock
option is selected, as it requires no external pins for its
operation, I/O pins PC1 and PC0 are free for use as nor-
mal I/O pins.
External 32768Hz Crystal Oscillator
- LXT
When the microcontroller enters the Idle/Sleep Mode,
the system clock is switched off to stop microcontroller
activity and to conserve power. However, in many
microcontroller applications it may be necessary to keep
the internal timers operational even when the
microcontroller is in the Power-down Mode. To do this,
another clock, independent of the system clock, must be
provided. To do this a configuration option exists to allow
a low speed oscillator, known as the LXT oscillator to be
used. The LXT oscillator is implemented using a
32768Hz crystal connected to pins. However, for some
crystals, to ensure oscillation and accurate frequency
generation, it is necessary to add two small value exter-
nal capacitors, C1 and C2. The exact values of C1 and
C2 should be selected in consultation with the crystal or
resonator manufacturer
¢s specification. The external
parallel feedback resistor, RP2, is required.
For oscillator stability and to minimise the effects of
noise and crosstalk, it is important to ensure that the
crystal and any associated resistors and capacitors
along with inter connecting lines are all located as close
to the MCU as possible.
LXT Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
32768Hz
8pF
10pF
Note:
1. C1 and C2 values are for guidance only.
2. RP2=5M~10M
W is recommended.
32768 Hz Crystal Recommended Capacitor Values
For the devices, a configuration option determines if the
XT1/XT2 pins are used for the LXT oscillator or as I/O
pins.
· If the I/O option is selected then the XT1/XT2 pins can
be used as normal I/O pins.
· If the
²LXT oscillator²is selected then the 32768Hz
crystal should be connected to the XT1/ XT2 pins.
P C 1 / O S C 1
4 7 0 p F
V D D
R O S C
P C 0 / O S C 2
External RC Oscillator
- ERC
P C 0 / P C 1 u s e d a s n o r m a l I / O s
N o t e :
I n t e r n a l R C
O s c i l l a t o r
P C 1 / O S C 2
P C 0 / O S C 1
Internal RC Oscillator
- HIRC
T o i n t e r n a l
c i r c u i t s
I n t e r n a l
O s c i l l a t o r
C i r c u i t
C 1
C 2
R P 2
N o t e : 1 . R p , C 1 a n d C 2 a r e r e q u i r e d .
2 . A l t h o u g h n o t s h o w n p i n s h a v e a
p a r a s i t i c c a p a c i t a n c e o f a r o u n d 7 p F .
I n t e r n a l R C
O s c i l l a t o r
3 2 7 6 8 H z
External 32768Hz Crystal Oscillator
- LXT


유사한 부품 번호 - HT56R22_14

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

유사한 설명 - HT56R22_14

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT45R37 HOLTEK-HT45R37_11 Datasheet
672Kb / 100P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HT45R37 HOLTEK-HT45R37 Datasheet
614Kb / 99P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com