전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0-1377175-3 데이터시트(PDF) 6 Page - TE Connectivity Ltd

부품명 0-1377175-3
상세설명  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

0-1377175-3 데이터시트(HTML) 6 Page - TE Connectivity Ltd

Back Button 0-1377175-3 Datasheet HTML 2Page - TE Connectivity Ltd 0-1377175-3 Datasheet HTML 3Page - TE Connectivity Ltd 0-1377175-3 Datasheet HTML 4Page - TE Connectivity Ltd 0-1377175-3 Datasheet HTML 5Page - TE Connectivity Ltd 0-1377175-3 Datasheet HTML 6Page - TE Connectivity Ltd 0-1377175-3 Datasheet HTML 7Page - TE Connectivity Ltd 0-1377175-3 Datasheet HTML 8Page - TE Connectivity Ltd 0-1377175-3 Datasheet HTML 9Page - TE Connectivity Ltd 0-1377175-3 Datasheet HTML 10Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Ring Tongue Terminals – Vinyl
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-6
Ring Tongue Terminals – Insulation Restricting
, 16–14HD,
.050
.343
.281
.961
1.135
.300
35363
(1.04–2.62)
1.27
10
8.71
7.14
24.41 28.83
7.62
6
.375
.302
.982
1.172
.300
35604
M3.5
9.53
7.67
24.94 29.77
7.62
8
.375
.302
.982
1.172
.300
35605
2-35605-2
M4
9.53
7.67
24.94 29.77
7.62
.375
.302
.982
1.172
.300
35364
10
9.53
7.67
24.94 29.77
7.62
12–10
.042
.500
.344
1.024 1.277
.300
323763
(2.62–6.64)
1.07
1/4
12.70
8.74
26.01 32.44
7.62
M6
.531
.468
1.148 1.416
.300
35345
2-35345-1
13.49 11.89 29.16 35.97
7.62
5/16
.531
.468
1.148 1.416
.300
35346
2-35346-1
M8
13.49 11.89 29.16 35.97
7.62
3/8
.593
.531
1.211 1.510
.300
35478
1-35478-0
15.06 13.49 30.76 38.35
7.62
, Heavy duty for extra mechanical strength.
Note: “C” dimension applies from edge of metal wire barrel to centre of stud hole.
24
.020
4
.203
.211
.587
.691
.031–.055
2-323914-2
(0.24)
0.51
5.16
5.36
14.91 17.55
0.79–1.40
4
.218
.156
.622
.734
.038–.110
52273-2
5.54
3.96
15.80 18.64
0.97–2.79
.218
.156
.622
.734
.038–.110
2-36149-3
6
5.54
3.96
15.80 18.64
0.97–2.79
22
.033
M3.5
.250
.250
.716
.844
.038–.110
- 51863-2
(0.38)
0.84
6.35
6.35
18.19 21.44
0.97–2.79
8
.312
.281
.747
.906
.038–.110
1-320551-2
M4
7.92
7.14
18.97 23.01
0.97–2.79
.031
10
.312
.281
.747
.906
.038–.110
2-36153-3
0.79
7.92
7.14
18.97 23.01
0.97–2.79
Note: “C” dimension applies from edge of metal wire barrel to centre of stud hole.
L
E
C
W
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Wire
Insulation
Diameter
Max.
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
Wire Size
AWG
(mm2)
Terminal
Insulation
Color
Solid/Stripe
Wire
Insulation
Diameter
Range
Tongue
Material
Thickness
Max.
Stud
Size
Dimensions
WC
E
L
Min.
Max.
Max.
Part Numbers
Loose
Tape
Piece
Mounted
L
E
C
W
Material and Finish
Insulation:
Vinyl acc. UL 94 V-0
Terminal Body and Metallic Sleeve:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Material and Finish
Insulation:
Nylon acc. UL 94 V-2
Terminal Body:
Copper per ASTM B-152
Plating:
Tin per ASTM B-545
Metallic Sleeve:
Copper per ASTM B-152
Plating:
Nickel per QQ-N-290 or
Tin per ASTM B-545


유사한 부품 번호 - 0-1377175-3

제조업체부품명데이터시트상세설명
logo
Jauch Quartz Gmbh
0-13.0-JT21CT-A-K-1.8 JAUCH-0-13.0-JT21CT-A-K-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-2.5 JAUCH-0-13.0-JT21CT-A-K-2.5 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.0 JAUCH-0-13.0-JT21CT-A-K-3.0 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.3 JAUCH-0-13.0-JT21CT-A-K-3.3 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-P-1.8 JAUCH-0-13.0-JT21CT-A-P-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
More results

유사한 설명 - 0-1377175-3

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com