전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA10244 데이터시트(PDF) 1 Page - Cree, Inc

부품명 CA10244
상세설명  Titanum series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CREE [Cree, Inc]
홈페이지  http://www.cree.com/
Logo CREE - Cree, Inc

CA10244 데이터시트(HTML) 1 Page - Cree, Inc

  CA10244 Datasheet HTML 1Page - Cree, Inc CA10244 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT DATASHEET
Titanum series
last update 15/6/2017
DETAILS
Product Number
CA10244_TITANUM-O-W
Family
Titanum
Type
Assembly
Color
clear
Diameter
26 mm
Height
14,9 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
15/06/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Golden Dragon+
62 deg
Wide
74 %
1.780
-
Platinum Dragon
70 deg
Wide
74 %
0.550
-
July 10th 2017 8:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


유사한 부품 번호 - CA10244

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CA10244 LEDIL-CA10244 Datasheet
2Mb / 4P
   ~65째 wide beam. Assembly with tape.
CA10244 LEDIL-CA10244_18 Datasheet
2Mb / 4P
   ~65째 wide beam. Assembly with tape.
More results

유사한 설명 - CA10244

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA10318 CREE-CA10318 Datasheet
100Kb / 2P
   Titanum series
CA10319 CREE-CA10319 Datasheet
104Kb / 2P
   Titanum series
CA10252 CREE-CA10252 Datasheet
105Kb / 2P
   Titanum series
logo
Ledil, Inc.
CA11240 LEDIL-CA11240 Datasheet
104Kb / 2P
   Titanum Assembly
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com