전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC10080CIMT 데이터시트(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 ADC10080CIMT
상세설명  10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10080CIMT 데이터시트(HTML) 4 Page - National Semiconductor (TI)

  ADC10080CIMT Datasheet HTML 1Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 2Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 3Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 4Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 5Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 6Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 7Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 8Page - National Semiconductor (TI) ADC10080CIMT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Pin No.
Symbol
Equivalent Circuit
Description
16–20,
23–27
D0–D9
Digital output data. D0 is the LSB and D9 is the MSB of the
binary output word.
ANALOG POWER
2, 9, 10
V
DDA
Positive analog supply pins. These pins should be connected
to a quiet 3.0V source and bypassed to analog ground with a
0.1 µF monolithic capacitor located within 1 cm of these pins.
A 4.7 µF capacitor should also be used in parallel.
3, 11, 14
V
SSA
Ground return for the analog supply.
DIGITAL POWER
22
V
DDIO
Positive digital supply pins for the ADC10080’s output drivers.
This pin should be bypassed to digital ground with a 0.1 µF
monolithic capacitor located within 1 cm of this pin. A 4.7 µF
capacitor should also be used in parallel. The voltage on this
pin should never exceed the voltage on V
DDA by more than
300 mV.
21
V
SSIO
The ground return for the digital supply for the output drivers.
This pin should be connected to the digital ground, but not
near the analog ground.
www.national.com
4


유사한 부품 번호 - ADC10080CIMT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10080CIMT/NOPB TI1-ADC10080CIMT/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
ADC10080CIMTX/NOPB TI1-ADC10080CIMTX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
More results

유사한 설명 - ADC10080CIMT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADC10080 TI1-ADC10080_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Texas Instruments
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com