전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE8000EM8 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 ACE8000EM8
상세설명  ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE8000EM8 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button ACE8000EM8 Datasheet HTML 6Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 7Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 8Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 9Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 10Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 11Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 12Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 13Page - Fairchild Semiconductor ACE8000EM8 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
10
www.fairchildsemi.com
ACE8001 Product Family Rev. B.2
Figure 10: VOL/VOH
Current (mA)
VOL vs. IOL (G5 @ 25
°C)
VOL vs. IOL (G0-G4 @ 25
°C)
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
0.00
0
2
5
8
15
0
2
5
8
15
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
2.2V
2.7V
2.2V
2.7V
3.3V
3.6V
5.5V
2.2V
2.7V
2.2V
2.7V
3.3V
3.6V
5.5V
Current (mA)
Current (mA)
0
0.2
0.4
0.5
0.8
1
1.2
0
0.2
0.4
0.5
0.8
1
1.2
Current (mA)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
VOH vs. IOH (G0-G4 @ 25
°C)
VOH vs. IOH (G5 @ 25
°C)


유사한 부품 번호 - ACE8000EM8

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809 ACE-ACE809 Datasheet
308Kb / 5P
   3-Pin Microprocessor Reset Circuits
VER 1.3
ACE809JBM+H ACE-ACE809JBM+H Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
More results

유사한 설명 - ACE8000EM8

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com