전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M0518 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 M0518
상세설명  36/68 Kbytes flash, 8K bytes SRAM
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

M0518 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button M0518 Datasheet HTML 7Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 8Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 9Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 10Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 11Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 12Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 13Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 14Page - List of Unclassifed Manufacturers M0518 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
NuMicro M0518 Series Datasheet
Feb 08, 2017
Page 11 of 72
Revision 1.01
3
ABBREVIATIONS
Acronym
Description
ADC
Analog-to-Digital Converter
APB
Advanced Peripheral Bus
AHB
Advanced High-Performance Bus
BOD
Brown-out Detection
BPWM
Basic Pulse Width Modulation
DAP
Debug Access Port
FIFO
First In, First Out
FMC
Flash Memory Controller
GPIO
General-Purpose Input/Output
HCLK
The Clock of Advanced High-Performance Bus
HIRC
22.1184 MHz Internal High Speed RC Oscillator
HXT
4~24 MHz External High Speed Crystal Oscillator
IAP
In Application Programming
ICP
In Circuit Programming
ISP
In System Programming
LDO
Low Dropout Regulator
LIN
Local Interconnect Network
LIRC
10 kHz internal low speed RC oscillator (LIRC)
MPU
Memory Protection Unit
NVIC
Nested Vectored Interrupt Controller
PCLK
The Clock of Advanced Peripheral Bus
PLL
Phase-Locked Loop
PWM
Pulse Width Modulation
SPI
Serial Peripheral Interface
SPS
Samples per Second
TMR
Timer Controller
UART
Universal Asynchronous Receiver/Transmitter
UCID
Unique Customer ID
WDT
Watchdog Timer
WWDT
Window Watchdog Timer
Table 3-1 List of Abbreviations


유사한 부품 번호 - M0518

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
M0518-LC2AE NUVOTON-M0518-LC2AE Datasheet
1Mb / 72P
   NuMicro m0518 Series
M0518-LD2AE NUVOTON-M0518-LD2AE Datasheet
1Mb / 72P
   NuMicro m0518 Series
M0518-SC2AE NUVOTON-M0518-SC2AE Datasheet
1Mb / 72P
   NuMicro m0518 Series
M0518-SD2AE NUVOTON-M0518-SD2AE Datasheet
1Mb / 72P
   NuMicro m0518 Series
More results

유사한 설명 - M0518

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT89LV52 ATMEL-AT89LV52_14 Datasheet
422Kb / 22P
   8K Bytes of Reprogrammable Flash Memory
AT90C8534 ATMEL-AT90C8534 Datasheet
825Kb / 54P
   Microcontroller with 8K Bytes Programmable Flash
AT89C52 ATMEL-AT89C52 Datasheet
181Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_00 Datasheet
223Kb / 24P
   8-bit Microcontroller with 8K Bytes Flash
AT89C52 ATMEL-AT89C52_99 Datasheet
195Kb / 24P
   8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252_06 Datasheet
672Kb / 35P
   8-Bit Microcontroller with 8K Bytes Flash
AT89S8252-24PU ATMEL-AT89S8252-24PU Datasheet
610Kb / 34P
   8-bit Microcontroller with 8K Bytes Flash
AT89LS8252 ATMEL-AT89LS8252 Datasheet
470Kb / 31P
   8-Bit Microcontroller with 8K Bytes Flash
AT89S8252 ATMEL-AT89S8252_06 Datasheet
479Kb / 41P
   8-bit Microcontroller with 8K Bytes Flash
AT89LV52 ATMEL-AT89LV52 Datasheet
532Kb / 22P
   8-Bit Microcontroller with 8K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com