전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M0564VG4AE 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 M0564VG4AE
상세설명  32-BIT MICROCONTROLLER
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

M0564VG4AE 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button M0564VG4AE Datasheet HTML 5Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 6Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 7Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 8Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 9Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 10Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 11Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 12Page - List of Unclassifed Manufacturers M0564VG4AE Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 161 page
background image
M0564
May 05, 2017
Page 9 of 161
Rev 1.00
1
GENERAL DESCRIPTION
The NuMicro
® M0564 series microcontroller based on the ARM® Cortex® -M0 core operates at up
to 72 MHz. It features adjustable VDDIO pins for specific I/O pins with a wide range of voltage from
1.8V to 5.5V for various operating voltages of external components, a unique high-speed PWM
with clock frequency up to 144 MHz for precision control, and an integrated hardware divider to
speed up the calculation for the control algorithms. Apart from that, the M0564 also integrates
SPROM (Security Protection ROM) which provides a secure code execution area to protect the
intelligent property of developers. The M0564 series is ideal for industrial control, motor control
and metering applications.
The M0564 series supports the wide voltage range from 2.5V to 5.5V and temperature ranging
from -40℃ to 105℃, up to 256 Kbytes of Flash memory, 20 Kbytes of SRAM , 4 Kbytes of ISP
(In-System Programming) ROM as well as ICP (In-Circuit Programming) ROM and IAP (In-
Application Programming) ROM in 48-, 64- or 100-pin packages. It also supports high immunity
of 8KV ESD (HBM)/4KV EFT. It is also equipped with plenty of peripherals such as Timers,
Watchdog Timers, RTC, PDMA, EBI, UART, Smart Card Interface, SPI, I²S, I²C, GPIO, up to 12
channels of 16-bit PWM, up to 20 channels of 12-bit ADC, analog comparator, temperature
sensor, LVR (Low Voltage Reset), BOD (Brown-out Detector), 96-bit UID (Unique Identification),
and 128-bit UCID (Unique Customer Identification).


유사한 부품 번호 - M0564VG4AE

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
M0564VG4AE NUVOTON-M0564VG4AE Datasheet
2Mb / 139P
   ARM CORTEX짰-M 32-BIT MICROCONTROLLER
More results

유사한 설명 - M0564VG4AE

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com