전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ULN2004 데이터시트(PDF) 2 Page - Tiger Electronic Co.,Ltd

부품명 ULN2004
상세설명  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGS [Tiger Electronic Co.,Ltd]
홈페이지  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

ULN2004 데이터시트(HTML) 2 Page - Tiger Electronic Co.,Ltd

  ULN2004_17 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd ULN2004_17 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ULN2004
PIN CONNECTION
10
11
12
13
14
15
16
9
1
23
4
5
6
78
O1
O2
O3
O4
O5
O6
O7
COMMON
I1
I2
I3
I4
I5
I6
I7
GND
BLOCK DIAGRAM
INPUT
COMMON
OUTPUT
GND
10.5kΩ
7.2kΩ
3kΩ
Note: The input and output parasitic diodes cannot be used as clamp diodes.
2


유사한 부품 번호 - ULN2004_17

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ULN2004D1 STMICROELECTRONICS-ULN2004D1 Datasheet
163Kb / 14P
   Seven darlington array
ULN2004D1013TR STMICROELECTRONICS-ULN2004D1013TR Datasheet
163Kb / 14P
   Seven darlington array
ULN2004D1013TR STMICROELECTRONICS-ULN2004D1013TR Datasheet
605Kb / 14P
   Seven darlington array
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_10 Datasheet
212Kb / 8P
   7CH DARLINGTON SINK DRIVER
ULN2004 UTC-ULN2004_15 Datasheet
280Kb / 9P
   7CH DARLINGTON SINK DRIVER
More results

유사한 설명 - ULN2004_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC1413 ONSEMI-MC1413 Datasheet
75Kb / 6P
   High Voltage, High Current Darlington Transistor Arrays
April, 2004 ??Rev. 6
logo
Texas Instruments
ULN2002A TI1-ULN2002A_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Arrays
ULQ2003A-Q1 TI1-ULQ2003A-Q1_15 Datasheet
984Kb / 25P
[Old version datasheet]   High-Voltage High-Current Darlington Transistor Arrays
logo
ON Semiconductor
ULN2003A ONSEMI-ULN2003A Datasheet
82Kb / 5P
   High Voltage, High Current Darlington Transistor Arrays
November, 2007 - Rev. 0
logo
Texas Instruments
SN75424N TI-SN75424N Datasheet
112Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
ON Semiconductor
MC1413 ONSEMI-MC1413_06 Datasheet
76Kb / 8P
   High Voltage, High Current Darlington Transistor Arrays
July, 2006 ??Rev. 8
logo
Exar Corporation
XR-2004 EXAR-XR-2004 Datasheet
402Kb / 7P
   High-Voltage, High-Current Darlington Transistor Arrays
logo
IK Semicon Co., Ltd
ILN2003A IKSEMICON-ILN2003A_13 Datasheet
541Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Texas Instruments
ULN2003AN TI1-ULN2003AN Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
logo
Integral Corp.
ILN2003A INTEGRAL-ILN2003A Datasheet
291Kb / 8P
   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com