전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM27C256-90PI 데이터시트(PDF) 11 Page - Advanced Micro Devices

부품명 AM27C256-90PI
상세설명  256 Kilobit (32,768 x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C256-90PI 데이터시트(HTML) 11 Page - Advanced Micro Devices

Back Button AM27C256-90PI Datasheet HTML 4Page - Advanced Micro Devices AM27C256-90PI Datasheet HTML 5Page - Advanced Micro Devices AM27C256-90PI Datasheet HTML 6Page - Advanced Micro Devices AM27C256-90PI Datasheet HTML 7Page - Advanced Micro Devices AM27C256-90PI Datasheet HTML 8Page - Advanced Micro Devices AM27C256-90PI Datasheet HTML 9Page - Advanced Micro Devices AM27C256-90PI Datasheet HTML 10Page - Advanced Micro Devices AM27C256-90PI Datasheet HTML 11Page - Advanced Micro Devices AM27C256-90PI Datasheet HTML 12Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AMD
2-42
Am27C256
SWITCHING TEST CIRCUIT
Device
Under
Test
CL
+5.0 V
CL = 100 pF including jig capacitance (30 pF for -55, -70)
6.2 k
2.7 k
Diodes = IN3064
or Equivalent
08007H-8
SWITCHING TEST WAVEFORM
2.4 V
0.45 V
2.0 V
0.8 V
2.0 V
0.8 V
Test Points
Input
Output
3 V
0 V
1.5 V
1.5 V
Input
Output
Test Points
AC Testing: Inputs are driven at 2.4 V for a logic “1”
and 0.45 V for a logic “0”. Input pulse
rise and fall times are
≤ 20 ns.
08007H-9
AC Testing: Inputs are driven at 3.0 V for a logic “1”
and 0 V for a logic “0”. Input pulse rise and
fall times are
≤ 20 ns for -55 and -70.


유사한 부품 번호 - AM27C256-90PI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM27C256-90PI AMD-AM27C256-90PI Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
More results

유사한 설명 - AM27C256-90PI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com