전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL22DCAG015D 데이터시트(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

부품명 TL22DCAG015D
상세설명  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NKK [Nihon Kaiheiki Industry Co. Ltd.]
홈페이지  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

TL22DCAG015D 데이터시트(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  TL22DCAG015D Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. TL22DCAG015D Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. TL22DCAG015D Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. TL22DCAG015D Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. TL22DCAG015D Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. TL22DCAG015D Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Series TL
Fully Illuminated Toggles
A131
A
www.nkkswitches.com
AT527MA Black Hex Nut
Use as Face Nut
Chrome/Steel
AT527M Hex Nut
Use as Backup Nut
Nickel/Steel
AT508 Lockwasher
Not to use with Panel Seal
Steel with Chromate/Zinc
AT401P O-ring
Use for Panel Seal
Nitrile butadiene rubber
Panel Cutouts
OPTIONAL HARDWARE
STANDARD HARDWARE
(0.5)
.020
(1.0)
.039
(12.1)
.476
(15.8) Dia
.622
(13.8) Dia
.543
M12 P1
(14.0)
.551
(16.0)
.630
(2.0)
.079
(1.5)
.059
(12.1) Dia
.476
(17.5) Dia
.689
(14.0)
.551
M12 P1
(16.0)
.630
(2.0)
.079
Hardware details in Accessories & Hardware section.
Maximum Panel Thickness
with Standard Hardware:
.157” (4.0mm)
Maximum Panel Thickness
with Standard Hardware
& AT401P O-ring:
.236” (6.0mm)
(12.5) Dia
.492
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060


유사한 부품 번호 - TL22DCAG015D

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
TL22DCAG015D NKK-TL22DCAG015D Datasheet
139Kb / 5P
   Fully Illuminated Toggles
More results

유사한 설명 - TL22DCAG015D

제조업체부품명데이터시트상세설명
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com