전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL22SDAW016B 데이터시트(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

부품명 TL22SDAW016B
상세설명  General Specifications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NKK [Nihon Kaiheiki Industry Co. Ltd.]
홈페이지  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

TL22SDAW016B 데이터시트(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  TL22SDAW016B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. TL22SDAW016B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. TL22SDAW016B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. TL22SDAW016B Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. TL22SDAW016B Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. TL22SDAW016B Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series TL
Fully Illuminated Toggles
A128
A
www.nkkswitches.com
Pole
2
DPDT
TYPICAL SWITCH ORDERING EXAMPLE
2
W01
D
A
Toggle Colors
For Bright
C
Red
D
Amber
F
Green
For Super Bright
N
No Color
Terminals, Contacts
& Ratings
W01
Solder Lug Terminals
Silver 6A @ 125V AC
for .689” (17.5mm) Toggle only
G01
Solder Lug Terminals
Gold 0.4VA @ 28V AC/DC
for .433” (11.0mm) Toggle only
TL
6G
LED Colors
Bright
5C
Red
5D
Amber
5F
Green
Super Bright
6B
White
6F
Green
6G
Blue
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
TL22DNAW016G
2
N
Circuit
2
ON NONE
ON
.689” (17.5mm) Toggle Length;
No Color (matte finish of clear
material)
Blue, Super Bright LED
Black Housing
Silver Contacts
with 6-amp Rating
DPDT
ON-NONE-ON Circuit
Solder Lug Terminals
Toggle Lengths
D
.689” (17.5mm) (combines
with silver contacts only)
S
.433” (11.0mm) (combines
with gold contacts only)
Housing
A
Black


유사한 부품 번호 - TL22SDAW016B

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
TL22SDAW016B NKK-TL22SDAW016B Datasheet
139Kb / 5P
   Fully Illuminated Toggles
More results

유사한 설명 - TL22SDAW016B

제조업체부품명데이터시트상세설명
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com