전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55C20 데이터시트(PDF) 6 Page - Jiangsu High diode Semiconductor Co., Ltd

부품명 BZX55C20
상세설명  DO-35 Glass-Encapsulate Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
홈페이지  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

BZX55C20 데이터시트(HTML) 6 Page - Jiangsu High diode Semiconductor Co., Ltd

  BZX55C20 Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd BZX55C20 Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd BZX55C20 Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd BZX55C20 Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd BZX55C20 Datasheet HTML 5Page - Jiangsu High diode Semiconductor Co., Ltd BZX55C20 Datasheet HTML 6Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
//htmlimg2.alldatasheet.co.kr/htmldatasheet2/951746/HDSEMI/BZX55C20/1332/6/BZX55C20.png


유사한 부품 번호 - BZX55C20

제조업체부품명데이터시트상세설명
logo
Continental Device Indi...
BZX55C20 CDIL-BZX55C20 Datasheet
104Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C20 VISHAY-BZX55C20 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX55C20 ZSELEC-BZX55C20 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
First Components Intern...
BZX55C20 FCI-BZX55C20 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Shenzhen Luguang Electr...
BZX55C20 LUGUANG-BZX55C20 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

유사한 설명 - BZX55C20

제조업체부품명데이터시트상세설명
logo
Jiangsu High diode Semi...
DB3-DO-35 HDSEMI-DB3-DO-35 Datasheet
1Mb / 4P
   DO-35 Glass-Encapsulate Diodes
1N52-SERIES HDSEMI-1N52-SERIES Datasheet
1Mb / 6P
   DO-35 Glass-Encapsulate Diodes
1N4148-DO-35 HDSEMI-1N4148-DO-35 Datasheet
1Mb / 5P
   DO-35 Glass-Encapsulate Diodes
1N47-SERIES HDSEMI-1N47-SERIES Datasheet
1Mb / 5P
   DO-4 1 Glass-Encapsulate Diodes
logo
Leshan Radio Company
BI-DORECTIONAL LRC-BI-DORECTIONAL Datasheet
110Kb / 2P
   DO-35 GLASS-SEALED BI-DIRECTIONAL TRIGGER DIODES
logo
Motorola, Inc
1N5221B MOTOROLA-1N5221B Datasheet
441Kb / 9P
   500mW DO-35 GLASS
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
Microsemi Corporation
LL485B MICROSEMI-LL485B Datasheet
67Kb / 1P
   High Conductance DO-35 Diodes
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com