전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-7851 데이터시트(PDF) 7 Page - Broadcom Corporation.

부품명 HCPL-7851
상세설명  Hermetically Sealed Analog Isolation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-7851 데이터시트(HTML) 7 Page - Broadcom Corporation.

Back Button HCPL-7851 Datasheet HTML 3Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 4Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 5Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 6Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 7Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 8Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 9Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 10Page - Broadcom Corporation. HCPL-7851 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Broadcom
- 7 -
ACPL-785E, HCPL-7850, HCPL-7851, 5962-97557
Data Sheet
AC Electrical Specifications
Figure 1 Input Offset Voltage Test Circuit
0.1 F
VDD2
VOUT
8
7
6
1
3
HCPL-785x
5
2
4
0.1 F
10 K
10 K
VDD1
+15 V
0.1 F
0.1 F
-15 V
+
AD624CD
GAIN = 100
0.47
F
0.47
F
Figure 2 Gain Change vs. Temperature
Figure 3 Input Off set Change vs. VDD1 and VDD2
TA – TEMPERATURE – °C
1.0
0.5
0
2.0
-0.5
1.5
-20
20
140
100
-60
60
VDD1 = 5 V
VDD2 = 5 V
VDD – SUPPLY VOLTAGE – V
0.6
0.3
0.9
-0.3
4.6
4.8
5.6
4.4
5.4
5.2
5.0
0
vs. VDD1 (VDD2 = 5 V)
vs. VDD2 (VDD1 = 5 V)
TA = 25° C
Figure 4 Output Voltages vs. Input Voltage
VIN – INPUT VOLTAGE – V
2.5
2.0
1.5
-0.4
4.0
-0.2
1.0
3.0
3.5
0.6
-0.6
0.4
0.2
0
POSITIVE
OUTPUT
NEGATIVE
OUTPUT
VDD1 = 5 V
VDD2 = 5 V
TA = 25° C


유사한 부품 번호 - HCPL-7851

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7851 HP-HCPL-7851 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7851 AVAGO-HCPL-7851 Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7851-100 HP-HCPL-7851-100 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
HCPL-7851-200 HP-HCPL-7851-200 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
HCPL-7851-300 HP-HCPL-7851-300 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

유사한 설명 - HCPL-7851

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com