전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFUSCD04065A 데이터시트(PDF) 2 Page - Littelfuse

부품명 LFUSCD04065A
상세설명  Enhanced surge capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFUSCD04065A 데이터시트(HTML) 2 Page - Littelfuse

  LFUSCD04065A Datasheet HTML 1Page - Littelfuse LFUSCD04065A Datasheet HTML 2Page - Littelfuse LFUSCD04065A Datasheet HTML 3Page - Littelfuse LFUSCD04065A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 10/05/16
SiC Schottky Diode
LFUSCD04065A, 650 V, 4 A,TO-220 2-lead
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
200250 300350 400450 500550 600650
Reverse Voltage, VR (V)
- 55 °C
25 °C
100 °C
175 °C
10-4
10-5
10-6
10-7
10-8
Figure 2:Typical Foward Characteristics
Figure 1:Typical Reverse Characteristics
0
1
2
3
4
5
6
7
8
0123
4
Forward Voltage, VF (V)
- 55 °C
25 °C
100 °C
150 °C
175 °C
Characteristics
Symbol
Conditions
Value
Unit
Min.
Typ.
Max.
Forward Voltage
V
F
I
F = 4 A, TJ = 25 °C
-
1.5
1.7
V
I
F = 4 A, TJ = 150 °C
-
1.8
2.1
I
F = 4 A, TJ = 175 °C
-
2.0
2.25
Reverse Current
I
R
V
R = 650 V , TJ = 25 °C
-
10
170
μA
V
R = 650 V , TJ = 175 °C
-
20
550
Total Capacitive Charge
Q
C
V
R = 400 V, IF = 4 A, di/dt = 110 A/µs
-
6
-
nC
Total Capacitance
C
V
R = 1 V, f =1 MHz
-
125
-
pF
V
R = 300 V, f = 1 MHz
-
16
-
V
R = 600 V, f = 1 MHz
-
13
-
Electrical Characteristics
Footnote: T
J = +25 °C unless otherwise specified
Thermal Characteristics
Characteristics
Symbol
Conditions
Value
Unit
Min.
Typ.
Max.
Thermal Resistance
R
θJC
-
-
-
2.1
°C/W


유사한 부품 번호 - LFUSCD04065A

제조업체부품명데이터시트상세설명
logo
Littelfuse
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD06065A LITTELFUSE-LFUSCD06065A Datasheet
552Kb / 4P
   Enhanced surge capability
LFUSCD08065A LITTELFUSE-LFUSCD08065A Datasheet
575Kb / 4P
   Enhanced surge capability
More results

유사한 설명 - LFUSCD04065A

제조업체부품명데이터시트상세설명
logo
Littelfuse
LFUSCD20120B LITTELFUSE-LFUSCD20120B Datasheet
564Kb / 4P
   Enhanced surge capability
LFUSCD10120A LITTELFUSE-LFUSCD10120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD05120A LITTELFUSE-LFUSCD05120A Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD30120B LITTELFUSE-LFUSCD30120B Datasheet
567Kb / 4P
   Enhanced surge capability
LFUSCD06065A LITTELFUSE-LFUSCD06065A Datasheet
552Kb / 4P
   Enhanced surge capability
LFUSCD08065A LITTELFUSE-LFUSCD08065A Datasheet
575Kb / 4P
   Enhanced surge capability
LFUSCD10065A LITTELFUSE-LFUSCD10065A Datasheet
565Kb / 4P
   Enhanced surge capability
LFUSCD20065B LITTELFUSE-LFUSCD20065B Datasheet
519Kb / 4P
   Enhanced surge capability
LFUSCD15120A LITTELFUSE-LFUSCD15120A Datasheet
572Kb / 4P
   Enhanced surge capability
LFUSCD16065B LITTELFUSE-LFUSCD16065B Datasheet
509Kb / 4P
   Enhanced surge capability
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com