전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA2400 데이터시트(PDF) 2 Page - Taoglas antenna solutions

부품명 SA2400
상세설명  2.4 GHz Steerable Wi-Fi Motorized Antenna Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SA2400 데이터시트(HTML) 2 Page - Taoglas antenna solutions

  SA2400 Datasheet HTML 1Page - Taoglas antenna solutions SA2400 Datasheet HTML 2Page - Taoglas antenna solutions SA2400 Datasheet HTML 3Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DSP-17-8-058/A
Page 2 of 3
1. Introduction
The Snipertenna SA.2400 is a robust motorized antenna tracking system
designed to track UAV’s during flight. Signal communication with UAV need to
be stable and free from interference over large distance. The Snipertenna
comprises of six 2.4GHz Wi-Fi patch antennas in a perfectly designed array that
provides high isolation and prevents self-interference between patches.
This unique antenna system automatically and mechanically adjusts its
position to maintain a superior connection within visibility of the UAV and
prevents the needs to constantly reposition the drone to try increase signal
strength as has been the case until now. This substantially improves its
communication reception to be over 30 times stronger and allow for high
quality video and data streams. The Snipertenna is the perfect solution for UAV
operators to ensure perfect signal strength and quality.
Low loss cables are used to keep the efficiency high however the addition of low
noise and power amplifiers also compensate for losses and ensure optimal
communication with the UAV.
Cable length and connector types are customizable. Contact your regional
Taoglas sales office for support.


유사한 부품 번호 - SA2400

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
SA2400ABE PHILIPS-SA2400ABE Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
More results

유사한 설명 - SA2400

제조업체부품명데이터시트상세설명
logo
World Produts Inc.
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30081-R1A WPI-WPANT30081-R1A Datasheet
79Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30091-R1A WPI-WPANT30091-R1A Datasheet
76Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30032-RA WPI-WPANT30032-RA Datasheet
83Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-RA WPI-WPANT30033-RA Datasheet
258Kb / 3P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30034-RA WPI-WPANT30034-RA Datasheet
332Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com