전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54-94-104MTKPBF 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 54-94-104MTKPBF
상세설명  Three Phase AC Switch (Power Modules), 50 A to 100 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

54-94-104MTKPBF 데이터시트(HTML) 1 Page - Vishay Siliconix

  54-94-104MTKPBF Datasheet HTML 1Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 2Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 3Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 4Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 5Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 6Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 7Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 8Page - Vishay Siliconix 54-94-104MTKPBF Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
54-94-104MT..KPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 14-Jan-14
1
Document Number: 94351
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Three Phase AC Switch (Power Modules),
50 A to 100 A
FEATURES
• Package fully compatible with the industry
standard INT-A-PAK power modules series
• High thermal conductivity package, electrically
insulated case
• Outstanding number of power encapsulated components
• Excellent power volume ratio
• 4000 VRMS isolating voltage
• UL E78996 approved
• Designed and qualified for industrial level
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
A range of extremely compact, encapsulated three phase
AC switches offering efficient and reliable operation. They
are intended for use in general purpose and heavy duty
applications as control motor starter.
PRODUCT SUMMARY
IO
50 A to 100 A
VRRM
800 V to 1600 V
Package
MT-K
Circuit
Three phase AC switch
MTK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
54MT.K
94MT.K
104MT.K
UNITS
IO
50
90
100
A
TC
80
80
80
°C
IFSM
50 Hz
390
950
1130
A
60 Hz
410
1000
1180
I2t
50 Hz
770
4525
6380
A2s
60 Hz
700
4130
5830
I2
t
7700
45250
63800
A2
s
VRRM
Range
800 to 1600
V
TStg
Range
-40 to 125
°C
TJ
Range
-40 to 125
°C


유사한 부품 번호 - 54-94-104MTKPBF

제조업체부품명데이터시트상세설명
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
   CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
logo
NTE Electronics
54-001 NTE-54-001 Datasheet
5Mb / 21P
   Toggle Switches
logo
JDS Uniphase Corporatio...
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
54-00202 JDSU-54-00202 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
54-00203 JDSU-54-00203 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
More results

유사한 설명 - 54-94-104MTKPBF

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
54MT80KPBF VISHAY-54MT80KPBF Datasheet
183Kb / 9P
   Three Phase AC Switch (Power Modules), 50 A to 100 A
Revision: 05-May-08
VS-104MTKPBF VISHAY-VS-104MTKPBF Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
VS-104MT..KPBF VISHAY-VS-104MT..KPBF_V01 Datasheet
207Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2023
VS-104MT..KPBF VISHAY-VS-104MT..KPBF Datasheet
206Kb / 8P
   Three Phase AC Switch (Power Modules), 100 A
01-Jan-2022
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF Datasheet
157Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 16-Jul-14
VS-70MT160PBPBF VISHAY-VS-70MT160PBPBF Datasheet
1Mb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
Revision: 30-Oct-13
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V02 Datasheet
171Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2023
VS-40MT160P.PBF VISHAY-VS-40MT160P.PBF_V01 Datasheet
172Kb / 9P
   Three Phase Bridge (Power Modules), 45 A to 100 A
01-Jan-2022
VS-26MT100 VISHAY-VS-26MT100 Datasheet
170Kb / 7P
   Three Phase Bridge (Power Modules), 25 A to 35 A
Revision: 22-Jan-14
VS-130-160MTKPBF VISHAY-VS-130-160MTKPBF_V01 Datasheet
176Kb / 8P
   Three Phase Bridge, 130 A to 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com