전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD6690A 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDD6690A
상세설명  30V N-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6690A 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDD6690A Datasheet HTML 1Page - Fairchild Semiconductor FDD6690A Datasheet HTML 2Page - Fairchild Semiconductor FDD6690A Datasheet HTML 3Page - Fairchild Semiconductor FDD6690A Datasheet HTML 4Page - Fairchild Semiconductor FDD6690A Datasheet HTML 5Page - Fairchild Semiconductor FDD6690A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
July 2003
©2003 Fairchild Semiconductor Corp.
FDD6690A Rev EW)
FDD6690A
30V N-Channel PowerTrench
® MOSFET
General Description
This N-Channel MOSFET is produced using Fairchild
Semiconductor’s advanced PowerTrench process that
has been especially tailored to minimize the on state
resistance and yet maintain low gate charge for
superior switching performance.
Applications
• DC/DC converter
• Motor Drives
Features
• 46 A, 30 V
RDS(ON) = 12 m
Ω @ V
GS = 10 V
RDS(ON) = 14 m
Ω @ V
GS = 4.5 V
• Low gate charge
• Fast Switching Speed
• High performance trench technology for extremely
low RDS(ON)
G
S
D
TO-252
D-PAK
(TO-252)
S
G
D
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
30
V
VGSS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current @TC=25°C
(Note 3)
46
A
@TA=25°C
(Note 1a)
12
Pulsed
(Note 1a)
100
Power Dissipation
@TC=25°C
(Note 3)
56
@TA=25°C
(Note 1a)
3.3
PD
@TA=25°C
(Note 1b)
1.5
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +175
°C
Thermal Characteristics
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
2.7
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
45
RθJA
(Note 1b)
96
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape width
Quantity
FDD6690A
FDD6690A
D-PAK (TO-252)
13’’
12mm
2500 units


유사한 부품 번호 - FDD6690A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
logo
Inchange Semiconductor ...
FDD6690A ISC-FDD6690A Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD6690A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com