전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FW43BSMAM 데이터시트(PDF) 3 Page - Taoglas antenna solutions

부품명 FW43BSMAM
상세설명  ISM Band 433MHz Flexible Whip Monopole Antenna SMA(M) Straight
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW43BSMAM 데이터시트(HTML) 3 Page - Taoglas antenna solutions

  FW43BSMAM Datasheet HTML 1Page - Taoglas antenna solutions FW43BSMAM Datasheet HTML 2Page - Taoglas antenna solutions FW43BSMAM Datasheet HTML 3Page - Taoglas antenna solutions FW43BSMAM Datasheet HTML 4Page - Taoglas antenna solutions FW43BSMAM Datasheet HTML 5Page - Taoglas antenna solutions FW43BSMAM Datasheet HTML 6Page - Taoglas antenna solutions FW43BSMAM Datasheet HTML 7Page - Taoglas antenna solutions FW43BSMAM Datasheet HTML 8Page - Taoglas antenna solutions FW43BSMAM Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SP-15-8-SPE-16-8-004/B/WY
Page 3 of 12
2. Specification
ISM Band 433 MHz
Center Frequency
433 MHz
Design Environment
On 30*30cm ground
Efficiency
66.42 %
Peak Gain
0.46 dBi
Return loss
< -15 dB
VSWR
≤ 1.5:1
Impedance
50 Ω
Polarization
Linear
Radiation Pattern
Omnidirectional
Input Power
2 W
MECHANICAL
Dimensions
Length: 323 ± 10mm
Base Diameter
16 ± 0.6mm
Whip Diameter
6.2 ± 0.6mm
Casing
ABS
Connector
SMA Type(M) Straight
Weight
66g
Dust and Water
Resistance
IP65
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


유사한 부품 번호 - FW43BSMAM

제조업체부품명데이터시트상세설명
logo
FutureWafer Tech Co.,Lt...
FW4120LC-0.3PF FUTUREWAFER-FW4120LC-0.3PF Datasheet
848Kb / 5P
   Ultra Low Capacitance ESD array
logo
Texas Instruments
FW427IPMR-ACTA TI1-FW427IPMR-ACTA Datasheet
1Mb / 61P
[Old version datasheet]   Mixed-Signal Microcontroller
logo
Fuji Electric
FW4560 FUJI-FW4560 Datasheet
308Kb / 2P
   Multiservice Provisioning Platform
logo
Taoglas antenna solutio...
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
logo
ON Semiconductor
FW4604 ONSEMI-FW4604 Datasheet
147Kb / 7P
   Complementary Dual Power MOSFET
August, 2013
More results

유사한 설명 - FW43BSMAM

제조업체부품명데이터시트상세설명
logo
Taoglas antenna solutio...
FW95BSMAM TAOGLAS-FW95BSMAM Datasheet
2Mb / 12P
   Meteor ISM Band 915Mhz Flexible Whip Monopole Antenna SMA(M) Straight
FW86BSMAM TAOGLAS-FW86BSMAM Datasheet
1Mb / 12P
   Meteor ISM Band 868MHz Flexible Whip Monopole Antenna SMA(M) Straight
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
FW.92.RNT.M TAOGLAS-FW.92.RNT.M Datasheet
703Kb / 13P
   Flexible Whip Monopole Antenna
FW.90.SMA.M TAOGLAS-FW.90.SMA.M_17 Datasheet
1Mb / 15P
   Flexible Whip Monopole Antenna
FW.91.TNC.M TAOGLAS-FW.91.TNC.M Datasheet
875Kb / 13P
   Flexible Whip Monopole Antenna
FW24NTYM TAOGLAS-FW24NTYM Datasheet
866Kb / 15P
   Meteor-2.4GHz Flexible Whip Monopole Antenna N Type(M) Straight
FW24SMAM TAOGLAS-FW24SMAM Datasheet
984Kb / 12P
   Meteor 2.4GHz Flexible Whip Monopole Antenna
FW86RNTM TAOGLAS-FW86RNTM Datasheet
859Kb / 14P
   Meteor-868MHz Flexible Whip Monopole Antenna RP-N Type(M) Straight
TI100111 TAOGLAS-TI100111 Datasheet
136Kb / 5P
   433MHz ISM Band Terminal Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com