전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS52-SMC 데이터시트(PDF) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

부품명 SS52-SMC
상세설명  SMC Plastic-Encapsulate Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HDSEMI [Jiangsu High diode Semiconductor Co., Ltd]
홈페이지  http://www.h-diode.com/
Logo HDSEMI - Jiangsu High diode Semiconductor Co., Ltd

SS52-SMC 데이터시트(HTML) 1 Page - Jiangsu High diode Semiconductor Co., Ltd

  SS52-SMC Datasheet HTML 1Page - Jiangsu High diode Semiconductor Co., Ltd SS52-SMC Datasheet HTML 2Page - Jiangsu High diode Semiconductor Co., Ltd SS52-SMC Datasheet HTML 3Page - Jiangsu High diode Semiconductor Co., Ltd SS52-SMC Datasheet HTML 4Page - Jiangsu High diode Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Schottky Rectifier
Notes:
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.6" x 0.6" (16 mm x 16 mm) copper
pad areas
SMC Plastic-Encapsulate Diodes
HD CK 55
SMC
●Io
5A
●VRRM
20V-200V
●High surge current capability
Applications
●Rectifier
: From 2 To 20
X
Marking
Polarity: Color band denotes cathode
SS5X
Features
1
H
igh Diode Semiconductor
SS52 THRU SS520
Electrical Characteristics (T =25℃ Unless otherwise specified)
Item
Symbol Unit
Test Conditions
SS5
2
3
4
5
6
8
10
15
20
Repetitive Peak Reverse Voltage
VRRM
V
20
30
40
50
60
80
100
150
200
Average Forward Current
IF(AV)
A
60HZ Half-sine wave, Resistance
load, TL(Fig.1)
5.0
Surge(Non-repetitive)Forward
Current
IFSM
A
60Hz Half-sine wave ,1 cycle ,
Ta =25℃
150
Junction
Temperature
TJ
-65~+125
-65~+150
Storage Temperature
TSTG
-65 ~ +150
a
Item
Symbol Unit
Test Condition
SS5
Peak Forward Voltage
V
F
V
I
F =5.0A
Peak Reverse Current
I
RRM1
mA
VRM=VRRM
Ta =25℃
I
RRM2
Ta =100℃
20
10
Thermal
Resistance(Typical)
RθJ-A
/
W
Between junction and ambient
55
1)
RθJ-L
Between junction and terminal
17
1)
2
3
4
5
6
8
10
15
20
0.55
0.85
0.7
0.5
V
14
21
28
35
42
56
70
105
140
Maximum RMS
VRMS
Voltage
0.95
0.2
Limiting Values (Absolute Maximum Rating)


유사한 부품 번호 - SS52-SMC

제조업체부품명데이터시트상세설명
logo
DONGGUAN YOU FENG WEI E...
SS52-SMC YFWDIODE-SS52-SMC Datasheet
295Kb / 2P
   Schottky rectifier
More results

유사한 설명 - SS52-SMC

제조업체부품명데이터시트상세설명
logo
Jiangsu High diode Semi...
GS3AC HDSEMI-GS3AC Datasheet
1Mb / 4P
   SMC Plastic-Encapsulate Diodes
SS32C HDSEMI-SS32C Datasheet
941Kb / 4P
   SMC Plastic-Encapsulate Diodes
MURS320-SMC HDSEMI-MURS320-SMC Datasheet
1,016Kb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Nanjing International G...
MURS420 DGNJDZ-MURS420 Datasheet
2Mb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
S3AC HDSEMI-S3AC Datasheet
1Mb / 4P
   SMC Plastic-Encapsulate Diodes
ES5AC HDSEMI-ES5AC Datasheet
1Mb / 4P
   SMC Plastic-Encapsulate Diodes
SMCJ HDSEMI-SMCJ Datasheet
1Mb / 7P
   SMC Plastic-Encapsulate Diodes
RS3AC HDSEMI-RS3AC Datasheet
1,014Kb / 4P
   SMC Plastic-Encapsulate Diodes
RS5AC HDSEMI-RS5AC Datasheet
1,023Kb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Nanjing International G...
MURS320 DGNJDZ-MURS320_V01 Datasheet
2Mb / 4P
   SMC Plastic-Encapsulate Diodes
logo
Jiangsu High diode Semi...
1.5SMC HDSEMI-1.5SMC Datasheet
1Mb / 5P
   SMC Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com