전자부품 데이터시트 검색엔진 |
|
HCPL-0730R1 데이터시트(PDF) 7 Page - Fairchild Semiconductor |
|
HCPL-0730R1 데이터시트(HTML) 7 Page - Fairchild Semiconductor |
7 / 12 page 12/11/03 Page 7 of 12 © 2003 Fairchild Semiconductor Corporation LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS SINGLE CHANNEL: HCPL-0700 HCPL-0701 DUAL CHANNEL: HCPL-0730 HCPL-0731 TYPICAL PERFORMANCE CURVES Fig. 13 Current Transfer Ratio vs. Input Forward Current (HCPL-0700, HCPL-0701) IF - INPUT FORWARD CURRENT (mA) 0.1 1 10 0 500 1000 1500 2000 2500 3000 3500 TA = 85˚C TA = 70˚C TA = 25˚C TA = 0˚C TA = -40˚C VCC = 5V VO = 0.4V Fig. 14 Switching Time Test Circuit T T PLH OL VO VO 5 V 1.5 V F I 1.5 V T PHL T 4 5 Noise 1 2 Shield 8 7 6 +5 V O V VCC V01 V02 GND VF1 - + F2 V F I + 10% DUTY CYCLE I/f < 100 µS F I MONITOR L 0.1 µF Pulse Generator tr = 5ns Z = 50 O V 3 I Monitor F 4 I/ < 100 µs tr = 5ns Generator Pulse Z = 50 f O VF V V I V F 2 1 VO V V O 6 5 GND 7 8 VO B VB L R CC VC +5 V 0.1 µF C = 15 pF* L Test Circuit for HCPL-0730 and HCPL-0731 Test Circuit for HCPL-0700 and HCPL-0701 m R Rm Shield Noise - C = 15 pF* *Includes probe and fixture capacitance |
유사한 부품 번호 - HCPL-0730R1 |
|
유사한 설명 - HCPL-0730R1 |